Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3911 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3911
Description  LM3911 Temperature Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3911 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM3911 Datasheet HTML 1Page - National Semiconductor (TI) LM3911 Datasheet HTML 2Page - National Semiconductor (TI) LM3911 Datasheet HTML 3Page - National Semiconductor (TI) LM3911 Datasheet HTML 4Page - National Semiconductor (TI) LM3911 Datasheet HTML 5Page - National Semiconductor (TI) LM3911 Datasheet HTML 6Page - National Semiconductor (TI) LM3911 Datasheet HTML 7Page - National Semiconductor (TI) LM3911 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Typical Applications (Continued)
Thermometer With Meter Output
R1 e
(VZ) 001DT
IM (VZ b 001 TO)
Select IQ s
2V
R1
R2 e
001 TO b IQR1
IQ
R3 e
VZ
IQ
b
R1 b R2
IQs2VR1J
Vz e Shunt regulator voltage (use 685)
D
T e Meter temperature span ( K)
IM e Meter full scale current (A)
TO e Meter zero temperature ( K)
IQ e Current through R1 R2 R3 at zero
meter current (10 mA to 10 mA) (A)
Values shown for
TO e 300 K DT e 100 K
IM e 10 mA IQ e 100 mA
The 001 in the above and following equations is in units of V KorV C
and is a result of the basic 001V K sensitivity of the transducer
Ground Referred Thermometer
R1 e
(VZ)(10mV)(DT)
VO
RL
(VZ b 001 TO)
R2 e
001 TO b IQ R1
IQ
R3 e
VZ
IQ
b
R1 b R2
Vz
e
Shunt regulator voltage
D
T
e
Temperature span ( K)
TO
e
Temperature for zero output ( K)
VO e Full scale output voltages10V
IQ
e
Current through R1 R2 R3
at zero output voltage
(typically 100 mA to 10 mA)
Meter Thermometer With Trimmed Output
Selected as for meter thermometer except TO should
be 5 K more than desired and IQ e 100 mA
Calibrates TO
Ground Referred Centigrade Thermometer
Set zero
Two Terminal Temperature to Current Transducer
R2 (X) e 
VZ b 001 TL
JIHb001TH
R1
J a VZb001THJ001TL
R1
b
IL
J
001
R1 R3
TH(VZ b 001 TL) b TL(VZ b 001 TH)
(
R3(X) t
VZ
THT
L
b
1
J
IH b
IL TH
TL
1
R4
e
1
(VZ b 001 TL)(R2)
%
(R2)(001 TL)
R1
a
VZb001TL
R2
b
IL
J
1
R2
a
1
R3
–
b
1
R2
TL e Temperature for IL (K)
TH e Temperature for IH (K)
VZ e Zener voltage (V)
IL
e
Low temperature output current (A)
IH e High temperature output current (A)
Values shown for IOUTe1mAto10mAfor 10 Fto100 F
Set temperature
TLH5701 – 4
The 001 in the above and following equations is in units of V KorV C and is a result of the basic 001V K sensitivity of the transducer
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com