Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R22 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT46R22
Description  8-Bit A/D Type MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R22 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT46R22 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
HT46R22/HT46C22
Rev. 1.10
14
October 2, 2002
Timer/Event Counter
A timer/event counter (TMR) is implemented in the
microcontroller. The timer/event counter contains an 8-bit
programmable count-up counter and the clock may come
from an external source or the system clock.
Using the internal system clock, there is only one refer-
ence time-base. The internal clock source comes from
fSYS. Using external clock input allows the user to count
external events, measure time internals or pulse widths,
or generate an accurate time base. While using the in-
ternal clock allows the user to generate an accurate time
base.
There are two registers related to the timer/event counter;
TMR ([0DH]), TMRC ([0EH]). Two physical registers are
mapped to TMR location; writing TMR makes the starting
value be placed in the timer/event counter preload register
and reading TMR gets the contents of the timer/event
counter. The TMRC is a timer/event counter control regis-
ter, which defines some options.
The TM0, TM1 bits define the operating mode. The
event count mode is used to count external events,
which means the clock source comes from an external
(TMR) pin. The timer mode functions as a normal timer
with the clock source coming from the fINT clock. The
pulse width measurement mode can be used to count the
high or low level duration of the external signal (TMR). The
counting is based on the fINT.
In the event count or timer mode, once the timer/event
counter starts counting, it will count from the current con-
tents in the timer/event counter to FFH. Once overflow oc-
curs, the counter is reloaded from the timer/event counter
preload register and generates the interrupt request flag
(TF; bit 5 of INTC) at the same time.
In the pulse width measurement mode with the TON
and TE bits equal to 1, once the TMR has received a
transient from low to high (or high to low if the TE bits is
²0²) it will start counting until the TMR returns to the orig-
inal level and resets the TON. The measured result will
remain in the timer/event counter even if the activated
transient occurs again. In other words, only 1 cycle mea-
surement can be done. Until setting the TON, the cycle
measurement will function again as long as it receives
further transient pulse. Note that, in this operating mode,
the timer/event counter starts counting not according to
the logic level but according to the transient edges. In
the case of counter overflows, the counter is reloaded
from the timer/event counter preload register and issues
the interrupt request just like the other two modes. To
enable the counting operation, the timer ON bit (TON;
bit 4 of TMRC) should be set to 1. In the pulse width
measurement mode, the TON will be cleared automati-
cally after the measurement cycle is completed. But in
the other two modes the TON can only be reset by in-
structions. The overflow of the timer/event counter is
one of the wake-up sources. No matter what the opera-
tion mode is, writinga0toETIcan disable the interrupt
service.
In the case of timer/event counter OFF condition, writ-
ing data to the timer/event counter preload register will
also reload that data to the timer/event counter. But if the
timer/event counter is turned on, data written to it will
only be kept in the timer/event counter preload register.
The timer/event counter will still operate until overflow oc-
curs. When the timer/event counter (reading TMR) is read,
the clock will be blocked to avoid errors. As clock blocking
may results in a counting error, this must be taken into con-
sideration by the programmer.
The bit0~bit2 of the TMRC can be used to define the
pre-scaling stages of the internal clock sources of
timer/event counter. The definitions are as shown. The
overflow signal of timer/event counter can be used to
generate the PFD signal.
Label
(TMRC)
Bits
Function
PSC0~
PSC2
0~2
To define the prescaler stages, PSC2,
PSC1, PSC0=
000: fINT=fSYS
001: fINT=fSYS/2
010: fINT=fSYS/4
011: fINT=fSYS/8
100: fINT=fSYS/16
101: fINT=fSYS/32
110: fINT=fSYS/64
111: fINT=fSYS/128
TE
3
To define the TMR active edge of
timer/event counter
(0=active on low to high; 1=active on
high to low)
TON
4
To enable or disable timer counting
(0=disabled; 1=enabled)
¾
5
Unused bit, read as
²0²
TM0
TM1
6
7
To define the operating mode
01=Event count mode (external clock)
10=Timer mode (internal clock)
11=Pulse width measurement mode
00=Unused
TMRC register
Input/output ports
There are 19 bidirectional input/output lines in the
microcontroller, labeled as PA, PB, PC and PD, which
are mapped to the data memory of [12H], [14H], [16H]
and [18H] respectively. All of these I/O ports can be
used for input and output operations. For input opera-
tion, these ports are non-latching, that is, the inputs
must be ready at the T2 rising edge of instruction
²MOV
A,[m]
² (m=12H, 14H, 16H or 18H). For output operation,
all the data is latched and remains unchanged until the
output latch is rewritten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com