Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7054L20PRFGI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 7054L20PRFGI
Description  HIGH-SPEED 4K x 8 FourPort STATIC RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7054L20PRFGI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 7054L20PRFGI Datasheet HTML 3Page - Integrated Device Technology 7054L20PRFGI Datasheet HTML 4Page - Integrated Device Technology 7054L20PRFGI Datasheet HTML 5Page - Integrated Device Technology 7054L20PRFGI Datasheet HTML 6Page - Integrated Device Technology 7054L20PRFGI Datasheet HTML 7Page - Integrated Device Technology 7054L20PRFGI Datasheet HTML 8Page - Integrated Device Technology 7054L20PRFGI Datasheet HTML 9Page - Integrated Device Technology 7054L20PRFGI Datasheet HTML 10Page - Integrated Device Technology 7054L20PRFGI Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
6.42
IDT7054S/L
High-Speed 4K x 8 FourPort™ Static RAM
Industrial and Commercial Temperature Ranges
7
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage(5)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization but is not production tested.
3. If OE = VIL during a R/W controlled write cycle, the write pulse width must be the larger of tWP or (tWZ + tDW) to allow the I/O drivers to turn off data to be placed on
the bus for the required tDW. If OE = VIH during an R/W controlled write cycle, this requirement does not apply and the write pulse can be as short as the specified
tWP. Specified for OE = VIH (refer to “Timing Waveform of Write Cycle”, Note 8).
4. Port-to-port delay through RAM cells from writing port to reading port, refer to “Timing Waveform of Write with Port-to-Port Read”.
5. 'X' in part number indicates power rating.
7054X20
Com'l Only
7054X25
Com'l & Ind
7054X35
Com'l Only
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
WRITE CYCLE
tWC
Write Cycle Time
20
____
25
____
35
____
ns
tEW
Chip Enable to End-of-Write
15
____
20
____
30
____
ns
tAW
Address Valid to End-of-Write
15
____
20
____
30
____
ns
tAS
Address Set-up Time
0
____
0
____
0
____
ns
tWP
Write Pulse Width(3)
15
____
20
____
30
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
ns
tDW
Data Valid to End-of-Write
15
____
15
20
____
ns
tHZ
Output High-Z Time(1,2)
____
15
____
15
____
15
ns
tDH
Data Hold Time
0
____
0
____
0
____
ns
tWZ
Write Enable to Output in High-Z(1,2)
____
12
____
15
____
15
ns
tOW
Output Active from End-of-Write(1,2)
0
____
0
____
0
____
ns
tWDD
Write Pulse to Data Delay(4)
____
35
____
45
____
55
ns
tDDD
Write Data Valid to Read Data Delay(4)
____
30
____
35
____
45
ns
3241 tbl 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com