Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWSCR-CW Datasheet(PDF) 1 Page - Abracon Corporation

Part # AWSCR-CW
Description  2.5X2.0mm INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AWSCR-CW Datasheet(HTML) 1 Page - Abracon Corporation

  AWSCR-CW Datasheet HTML 1Page - Abracon Corporation AWSCR-CW Datasheet HTML 2Page - Abracon Corporation AWSCR-CW Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2.5X2.0mm INDUSTRIAL GRADE BUILT-IN CAPACITANCE
CERAMIC RESONATOR
AWSCR-CW
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION:
APPLICATIONS:
FEATURES:
30332 Esperanza, Rancho Santa Margarita, California 92688
Revised: 08.08.14
Visit www.abracon.com for Terms & Conditions of Sale
• Built-in load capacitors
• IR reflow capable
• Low resonant impedance
2.5 x 2.0 x 1.2mm
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range
20.00
60.00
MHz
Resonant Impedance (Ro)
60
Ω
20.00 MHz – 25.99 MHz
50
26.00 MHz – 35.00 MHz
50
35.01 MHz – 60.00 MHz
Built-in Load Capacitance (C1=C2)
10 – 20%
10
10 + 20%
pF
20.00 MHz – 25.99 MHz
5 – 20%
5
5 + 20%
26.00 MHz – 35.00 MHz
5 – 20%
5
5 + 20%
35.01 MHz – 60.00 MHz
Frequency Tolerance @25 ºC
-0.5
0.5
%
Frequency Stability @ -25ºC to +85ºC
-0.2
0.2
%
Withstanding Voltage
50
V
DC , 1 min
Rating Voltage
(1) D.C.Voltage
6
V
(2) A.C. Voltage
15
Vp-p.
n
i
m
1
,
V
0
1
Ω
M
0
0
1
e
c
n
a
t
s
i
s
e
R
n
o
it
a
l
u
s
n
I
Operation Temperature
-25
85
ºC
Storage Temperature
-55
85
ºC
Aging Rate (Fosc) (10 years)
-0.2
0.2
%
From Initial Value
Frequency
Frequency in MHz
Packaging
T: 3000pcs/Reel
Load Capacitance
Contact ABRACON for
Built-in Capacitance options
RoHS/RoHS II compliant
Pb in ceramic, exemption (7c-I)
Moisture Sensitivity Level (MSL) – This product is not Moisture Sensitive - MSL = 1
• Remote controls, Microprocessor clocks, Mobile
phones, DVD & CD-Roms, Electric appliances
• Consumer electronics
tel 949-546-8000 | fax 949-546-8001| www.abracon.com


Similar Part No. - AWSCR-CW

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWSCR-CELA ABRACON-AWSCR-CELA Datasheet
826Kb / 6P
Miniature Ceramic Resonator
04-17-19
AWSCR-CELB ABRACON-AWSCR-CELB Datasheet
744Kb / 6P
Miniature Ceramic Resonator
04-11-19
AWSCR-CP ABRACON-AWSCR-CP Datasheet
723Kb / 4P
3-PAD INDUSTRIAL GRADE CERAMIC RESONATOR
12.19.2016
AWSCR-CPLA ABRACON-AWSCR-CPLA Datasheet
896Kb / 6P
Miniature Ceramic Resonator
07-30-2021
AWSCR-CPLB ABRACON-AWSCR-CPLB Datasheet
668Kb / 6P
Miniature Ceramic Resonator
04-19-19
More results

Similar Description - AWSCR-CW

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWSCR-ME ABRACON-AWSCR-ME Datasheet
200Kb / 2P
INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
AWSCR-MG ABRACON-AWSCR-MG Datasheet
223Kb / 2P
INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
AWSCR-MS ABRACON-AWSCR-MS Datasheet
198Kb / 2P
INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
AWSCR-MT ABRACON-AWSCR-MT Datasheet
364Kb / 3P
INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.25.07
AWSCR-24.00CW-T ABRACON-AWSCR-24.00CW-T Datasheet
1Mb / 3P
2.5X2.0mm INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
08.08.14
AWSCR-25.00CW-T ABRACON-AWSCR-25.00CW-T Datasheet
1Mb / 3P
2.5X2.0mm INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
08.08.14
AWSCR-27.00CW-T ABRACON-AWSCR-27.00CW-T Datasheet
1Mb / 3P
2.5X2.0mm INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
08.08.14
AWSCR-30.00CW-T ABRACON-AWSCR-30.00CW-T Datasheet
1Mb / 3P
2.5X2.0mm INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
08.08.14
AWSCR-33.00CW-T ABRACON-AWSCR-33.00CW-T Datasheet
1Mb / 3P
2.5X2.0mm INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
08.08.14
AWSCR-48.00CW-T ABRACON-AWSCR-48.00CW-T Datasheet
1Mb / 3P
2.5X2.0mm INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
08.08.14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com