Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3915 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3915
Description  Dot/Bar Display Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3915 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3915 Datasheet HTML 1Page - National Semiconductor (TI) LM3915 Datasheet HTML 2Page - National Semiconductor (TI) LM3915 Datasheet HTML 3Page - National Semiconductor (TI) LM3915 Datasheet HTML 4Page - National Semiconductor (TI) LM3915 Datasheet HTML 5Page - National Semiconductor (TI) LM3915 Datasheet HTML 6Page - National Semiconductor (TI) LM3915 Datasheet HTML 7Page - National Semiconductor (TI) LM3915 Datasheet HTML 8Page - National Semiconductor (TI) LM3915 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Electrical Characteristics (Notes 2, 4) (Continued)
Parameter
Conditions (Note 2)
Min
Typ
Max
Units
SUPPLY CURRENT
Standby Supply Current
(All Outputs Off)
V
+ = +5V, I
L(REF) = 0.2 mA
V
+ = +20V, I
L(REF) = 1.0 mA
2.4
4.2
mA
6.1
9.2
mA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 2: Unless otherwise stated, all specifications apply with the following conditions:
3VDC ≤ V
+ ≤ 20 VDC
−0.015V
≤ VRLO ≤ 12 VDC
TA = 25˚C, IL(REF) = 0.2 mA, pin 9 connected to pin 3 (bar mode).
3VDC ≤ VLED ≤ V
+
VREF,VRHI,VRLO ≤ (V
+ − 1.5V)
For higher power dissipations, pulse testing is used.
−0.015V
≤ VRHI ≤ 12 VDC
0V
≤ VIN ≤ V+ − 1.5V
Note 3: Accuracy is measured referred to 0 dB = + 10.000 VDC at pin 5, with + 10.000 VDC at pin 6, and 0.000 VDC at pin 4. At lower full scale voltages, buffer and
comparator offset voltage may add significant error. See table for threshold voltages.
Note 4: Pin 5 input current must be limited to ±3 mA. The addition of a 39k resistor in series with pin 5 allows ±100V signals without damage.
Note 5: Bar mode results when pin 9 is within 20 mV of V+. Dot mode results when pin 9 is pulled at least 200 mV below V+. LED #10 (pin 10 output current) is
disabled if pin 9 is pulled 0.9V or more below VLED.
Note 6: The maximum junction temperature of the LM3915 is 100˚C. Devices must be derated for operation at elevated temperatures. Junction to ambient thermal
resistance is 55˚C/W for the molded DIP (N package).
Threshold Voltage (Note 3)
Output
dB
Min
Typ
Max
Output
dB
Min
Typ
Max
1
−27
0.422
0.447
0.531
6
−12
2.372
2.512
2.819
2
−24
0.596
0.631
0.750
7
−9
3.350
3.548
3.825
3
−21
0.841
0.891
1.059
8
−6
4.732
5.012
5.309
4
−18
1.189
1.259
1.413
9
−3
6.683
7.079
7.498
5
−15
1.679
1.778
1.995
10
0
9.985
10
10.015
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com