Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWSCR-MTD Datasheet(PDF) 3 Page - Abracon Corporation

Part # AWSCR-MTD
Description  4.7 x 4.1mm BUILT-IN CAPACITANCE CERAMIC RESONATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AWSCR-MTD Datasheet(HTML) 3 Page - Abracon Corporation

  AWSCR-MTD Datasheet HTML 1Page - Abracon Corporation AWSCR-MTD Datasheet HTML 2Page - Abracon Corporation AWSCR-MTD Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
4.7 x 4.1mm BUILT-IN CAPACITANCE CERAMIC RESONATOR
|||||||||||||| |
AWSCR-MTD
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 09.12.10
Visit www.abracon.com for Terms & Conditions of Sale
RoHS
Compliant
Pb in ceramic
(exempt per RoHS 2002/95/EC Annex (7))
4.7 x 4.1mm
AWSCR-MTD
AWSCR-MTD
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
REFLOW PROFILE:
• Do not apply excess mechanical stress to the component body or terminations. Do not attempt to re-form or bend the components as this will cause
damage to the component.
• This component is not hermetically sealed. Do not clean or wash the component.
• Reflow soldering: Do not use strong acidity flux,such as flux with chlorine content of greater than 0.2wt% during reflow Soldering.
• Do not expose the component to open flame.
• This specification applies to the functionality of the component as a single unit. Customers are advised to insure that the component is thoroughly
evaluated in the particular application.
• Shelf life: The warranted shelf life of this product is six months after the delivery date under the conditions of sealed, unopened, original packaging.
• Storage conditions: If the product is to be stored for a period greater than six months after the delivery date, it is recommended that customers confirm
the solderability and characteristics for the product prior to use.
• This product is not recommended for use in the following applications: Automotive, Medical, Military, Safety, or any other high-reliability, life-dependant
application. Contact Abracon Corporation prior to using this product when in doubt.
CAUTION
Peak:260℃max
250℃
Pre-heating
10s max
within
80-120s.
within
20-40s
30s min
230℃
150℃
100℃
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications. Abracon’s products are not
specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component failure could result in loss of life and/or property. For
applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for
more information.
ABRACON IS
CERTIFIED



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com