Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFE Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # CFE
Description  Power Entry Module with Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

CFE Datasheet(HTML) 1 Page - TE Connectivity Ltd

  CFE Datasheet HTML 1Page - TE Connectivity Ltd CFE Datasheet HTML 2Page - TE Connectivity Ltd CFE Datasheet HTML 3Page - TE Connectivity Ltd CFE Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
C Series
C Series
Power Entry Module with Switch
130
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
UL Recognized
CSA Certified
VDE Approved*
• Two function power entry module combining
a DPST switch and an IEC 60320-1 inlet
• Snap–in or flange mounting
• Available with or without a shielded general
purpose or medical grade filter
• Two element circuit provides enhanced EMI
attenuation
• Reduce OEM wiring time with optional
pre–connected line and switch terminals
Ordering Information
10 C F S 1
Output Styles
1 – Spade terminals (size varies)
Mounting Styles
E – Flange Mount
S – Snap–in
Filter Type or Terminal Option
F – General purpose
H – Medical
B – No filter, includes
Pre–connected terminals
Omit if none
C Series
Current Rating
1, 3, 6, 10 or 15A
(Filtered versions up to 10A)
Specifications
Maximum leakage current each Line to Ground:
F Models
H & Unfiltered
@ 120 VAC 60 Hz:
.25 mA
2
A
@250 VAC 50 Hz:
.40 mA
5
A
Hipot rating (one minute):
Line to Ground:
2250 VDC
Line to Line:
1450 VDC
Rated Voltage:
250 VAC
Operating Frequency:
50/60 Hz
Rated Current:
1 to 15A*
Switch:
DPST
10,000 operations at 51A max. inrush
.250 Terminal Push–on Force:
18 lb. / 80N (max.)
.188 Terminal Push–on Force:
15 lb. / 67N (max.)
Available Part Numbers
Filtered Versions
1CHE1
1CFE1
3CHE1
3CFE1
6CHE1
6CFE1
10CHE1
10CFE1
1CHS1
1CFS1
3CHS1
3CFS1
6CHS1
6CFS1
10CHS1
10CFS1
Non–filtered Versions
Standard Terminals
Pre-connected Terminals
10CS1
10CBS1
10CE1
10CBE1
15CS1
15CBS1
15CE1
15CBE1
*15A versions are tested by Underwriters Laboratories
to US and Canadian requirements and are
VDE approved at 10A, 250VAC
3CFS1
15CS1


Similar Part No. - CFE

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CFE-2B-50 ADAM-TECH-CFE-2B-50 Datasheet
81Kb / 1P
COMPACT FLASH MALE
CFE-50-LXX ADAM-TECH-CFE-50-LXX Datasheet
70Kb / 1P
CF SOCKET EJECTOR
logo
Clairex Technologies, I...
CFE320A CLAIREX-CFE320A Datasheet
109Kb / 1P
Fiber Optic AlGaAs IRED
logo
Crystek Corporation
CFE3390 CRYSTEKCRYSTAL-CFE3390 Datasheet
111Kb / 1P
9x14 mm SMD, 3.3V, CMOS Clock Oscillator
CFE3391 CRYSTEKCRYSTAL-CFE3391 Datasheet
111Kb / 1P
9x14 mm SMD, 3.3V, CMOS Clock Oscillator
More results

Similar Description - CFE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1CHE1 MACOM-1CHE1_11 Datasheet
420Kb / 4P
Power Entry Module with Switch
PA101 MACOM-PA101 Datasheet
849Kb / 9P
Versatile Power Entry Module with Small Footprint
logo
List of Unclassifed Man...
FN9263-3-06 ETC2-FN9263-3-06 Datasheet
421Kb / 3P
General purpose power entry module with mains switch
FN9260-10-06 ETC2-FN9260-10-06 Datasheet
307Kb / 4P
General Purpose Power Entry Module with Fuses
FN9260A-10-06 ETC2-FN9260A-10-06 Datasheet
307Kb / 4P
General Purpose Power Entry Module with Fuses
logo
TE Connectivity Ltd
5EFLA2S TEC-5EFLA2S Datasheet
196Kb / 3P
Power Entry Module with Enhanced EMI Filtering
logo
Schurter Inc.
DG12-IP40 SCHURTER-DG12-IP40 Datasheet
444Kb / 1P
Power Entry Module
DG12-IP65 SCHURTER-DG12-IP65 Datasheet
438Kb / 1P
Power Entry Module
logo
Schaffner International...
FN-9264 SCHAFFNER-FN-9264 Datasheet
2Mb / 6P
General Purpose Power Entry Module with Switch
FN-9266 SCHAFFNER-FN-9266 Datasheet
793Kb / 5P
High Performance Power Entry Module with Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com