Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS932S203 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS932S203
Description  Frequency Generator with 133MHz Differential CPU Clocks
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS932S203 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS932S203 Datasheet HTML 1Page - Integrated Circuit Systems ICS932S203 Datasheet HTML 2Page - Integrated Circuit Systems ICS932S203 Datasheet HTML 3Page - Integrated Circuit Systems ICS932S203 Datasheet HTML 4Page - Integrated Circuit Systems ICS932S203 Datasheet HTML 5Page - Integrated Circuit Systems ICS932S203 Datasheet HTML 6Page - Integrated Circuit Systems ICS932S203 Datasheet HTML 7Page - Integrated Circuit Systems ICS932S203 Datasheet HTML 8Page - Integrated Circuit Systems ICS932S203 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
ICS932S203
0601E—12/22/04
Frequency Select Table
Host Swing Select Functions
0
L
E
S
I
T
L
U
M
t
e
g
r
a
T
d
r
a
o
B
Z
m
r
e
T
/
e
c
a
r
T
,
R
e
c
n
e
r
e
f
e
R
=
f
e
r
I
V
D
D
)
r
R
*
3
(
/
t
u
p
t
u
O
t
n
e
r
r
u
C
Z
@
h
o
V
0s
m
h
o
0
5
,
%
1
1
2
2
=
r
R
A
m
0
0
.
5
=
f
e
r
I
F
E
R
I
*
4
=
h
o
I0
5
@
V
0
.
1
1s
m
h
o
0
5
,
%
1
5
7
4
=
r
R
A
m
2
3
.
2
=
f
e
r
I
F
E
R
I
*
6
=
h
o
I0
5
@
V
7
.
0
FS2
FS1
CPU
3V66 (1:0)
66Buff (2:0) /
3V66 (4:2)
66 In /
3V66_5
PCI
REF
USB,
DOT
note
1
0
100
66.6
66.6 In path
66.6 IN
66.6 in/2
14.318
48
Buffer
mode 66
1
1
133.3
66.6
66.6 In path
66.6 IN
66.6 in/2
14.318
48
Buffer
mode 66
0
0
100
66.6
66.6
66.6
33.3
14.318
48
Driven 66
0
1
133.3
66.6
66.6
66.6
33.3
14.318
48
Driven 66
mid
0
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Tri-state
outputs
mid
1
Tclk/2
Tclk/4
Tclk/4
Tclk/4
Tclk/8
Tclk
Tclk/2
Tclk is at
X1 input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com