Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7140LA55PFGB8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 7140LA55PFGB8
Description  HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7140LA55PFGB8 Datasheet(HTML) 2 Page - Integrated Device Technology

  7140LA55PFGB8 Datasheet HTML 1Page - Integrated Device Technology 7140LA55PFGB8 Datasheet HTML 2Page - Integrated Device Technology 7140LA55PFGB8 Datasheet HTML 3Page - Integrated Device Technology 7140LA55PFGB8 Datasheet HTML 4Page - Integrated Device Technology 7140LA55PFGB8 Datasheet HTML 5Page - Integrated Device Technology 7140LA55PFGB8 Datasheet HTML 6Page - Integrated Device Technology 7140LA55PFGB8 Datasheet HTML 7Page - Integrated Device Technology 7140LA55PFGB8 Datasheet HTML 8Page - Integrated Device Technology 7140LA55PFGB8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
IDT7130SA/LA and IDT7140SA/LA
High-Speed 1K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
2
Description
The IDT7130/IDT7140 are high-speed 1K x 8 Dual-Port Static
RAMs. The IDT7130 is designed to be used as a stand-alone 8-bit
Dual-Port RAM or as a "MASTER" Dual-Port RAM together with the
IDT7140 "SLAVE" Dual-Port in 16-bit-or-more word width systems.
Using the IDT MASTER/SLAVE Dual-Port RAM approach in 16-or-
more-bit memory system applications results in full-speed, error-
free operation without the need for additional discrete logic.
Both devices provide two independent ports with separate con-
trol, address, and I/O pins that permit independent asynchronous
access for reads or writes to any location in memory. An automatic
power down feature, controlled by CE, permits the on chip circuitry
of each port to enter a very low standby power mode.
Fabricated using CMOS high-performance technology, these de-
vices typically operate on only 550mW of power. Low-power (LA)
versions offer battery backup data retention capability, with each Dual-
Port typically consuming 200µW from a 2V battery.
The IDT7130/IDT7140 devices are packaged in 48-pin sidebraze
or plastic DIPs, LCCs, flatpacks, 52-pin PLCC, and 64-pin TQFP
and STQFP. Military grade products are manufactured in compli-
ance with the latest revision of MIL-PRF-38535 QML, making it
ideally suited to military temperature applications demanding the
highest level of performance and reliability.
Pin Configurations(1,2,3)
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. L48 packagebodyisapproximately.57inx.57inx.68in.
F48 packagebodyisapproximately.75inx.75inx.11in.
4. Thispackagecodeisusedtoreferencethepackagediagram.
7130/40
L48(4)
6
5
4
3
2
1
48
47
46
45
44
43
28
29
30
42
41
40
39
38
37
36
35
34
33
32
31
7
8
9
10
11
12
13
14
15
16
17
18
2689 drw 03L
GND
CER
CEL
OEL
A0L
OER
I/O3L
INTL
BUSYL
R/
WL
R/
WR
BUSYR
INTR
VCC
I/O5R
I/O4R
I/O3R
I/O2R
I/O1R
I/O0R
I/O7L
I/O6L
I/O5L
I/O4L
25
26
19
20
21
22
23
24
27
INDEX
6
5
4
3
2
1
48
47
46
45
44
43
28
29
30
42 41 40 39 38 37 36 35 34 33 32 31
7
8
9 10 11 12 13 14 15 16 17 18
2689 drw 03F
GND
CER
CEL
OEL
A0L
OER
I/O3L
INTL
BUSYL
R/
WL
R/
WR
BUSYR
INTR
VCC
I/O5R
I/O4R
I/O3R
I/O2R
I/O1R
I/O0R
I/O7L
I/O6L
I/O5L
I/O4L
25
26
19
20
21
22
23
24
27
7130/40
F48(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com