Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950905 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS950905
Description  Programmable Timing Control Hub??for P4?
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950905 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS950905 Datasheet HTML 1Page - Integrated Circuit Systems ICS950905 Datasheet HTML 2Page - Integrated Circuit Systems ICS950905 Datasheet HTML 3Page - Integrated Circuit Systems ICS950905 Datasheet HTML 4Page - Integrated Circuit Systems ICS950905 Datasheet HTML 5Page - Integrated Circuit Systems ICS950905 Datasheet HTML 6Page - Integrated Circuit Systems ICS950905 Datasheet HTML 7Page - Integrated Circuit Systems ICS950905 Datasheet HTML 8Page - Integrated Circuit Systems ICS950905 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Integrated
Circuit
Systems, Inc.
ICS950905
Advance Information
Block Diagram
950905 Rev - 11/26/01
Pin Configuration
Recommended Application:
VIA P4X266 chipset with PC133 or DDR memory.
Output Features:
•
2 - Pair of differential CPU clocks @ 3.3V
•
1 - Pair of differential push pull CPU_CS clocks @ 2.5V
•
3 - AGP @ 3.3V
•
9 - PCI @ 3.3V
•
1- IOAPIC @ 2.5V
•
1 - 48MHz @ 3.3V fixed
•
1 - 24_48MHz @ 3.3V
•
1 - REF @ 3.3V, 14.318MHz
Features/Benefits:
•
Programmable output frequency.
•
Programmable output divider ratios.
•
Programmable output rise/fall time.
•
Programmable output skew.
•
Programmable spread percentage for EMI control.
•
Watchdog timer technology to reset system
if system malfunctions.
•
Programmable watch dog safe frequency.
•
Support I
2C Index read/write and block read/write
operations.
•
For DDR and or PC133 SDRAM system use ICS93718
as the memory buffer.
•
Uses external 14.318MHz crystal.
Key Specifications:
•
CPU_CS - CPU0: <±250ps
•
CPU_CS - AGP: <±250ps
•
PCI - PCI: <500ps
•
CPU - PCI: Min = 1.0ns, Typ = 2.0ns, Max = 4.0ns
Programmable Timing Control Hub™ for P4™
1. These outputs have 2X drive strength.
* These inputs have a internal Pull-up resistor
of 120K to VDD
** These inputs have a internal pull-down to GND
48-Pin 300-mil SSOP
Frequency Table
I REF
PLL2
PLL1
Spread
Spectrum
48MHz
24_48MHz
IOAPIC
PCICLK (7:0)
AGPCLK (2:0)
RESET#
PCICLK_F
3
X1
X2
XTAL
OSC
CPU
DIVDER
CPU
DIVDER
IOAPIC
DIVDER
PCI
DIVDER
AGP
DIVDER
Stop
Stop
Stop
SEL24_48
SDATA
SCLK
FS (3:0)
PD#
PCI_STOP#
CPU_STOP#
MULTI_SEL
Vtt_PWRGD#
Control
Logic
Config.
Reg.
/ 2
REF0
CPUCLKT_(1:0)
CPUCLKC_(1:0)
CPUCLK_PPT
CPUCLK_PPC
WDEN
WDTB
0
L
E
S
I
T
L
U
M
t
e
g
r
a
T
d
r
a
o
B
Z
m
r
e
T
/
e
c
a
r
T
,
R
e
c
n
e
r
e
f
e
R
=
f
e
r
I
V
D
D
)
r
R
*
3
(
/
t
u
p
t
u
O
t
n
e
r
r
u
C
Z
@
h
o
V
0s
m
h
o
0
5
,
%
1
1
2
2
=
r
R
A
m
0
0
.
5
=
f
e
r
I
F
E
R
I
*
4
=
h
o
I0
5
@
V
0
.
1
1s
m
h
o
0
5
,
%
1
5
7
4
=
r
R
A
m
2
3
.
2
=
f
e
r
I
F
E
R
I
*
6
=
h
o
I0
5
@
V
7
.
0
3
S
F2
S
F1
S
F0
S
F
K
L
C
U
P
C
z
H
M
P
G
A
z
H
M
K
L
C
I
C
P
z
H
M
00
0
0
0
0
.
0
6
10
0
.
0
80
0
.
0
4
00
0
1
0
0
.
4
6
10
0
.
2
80
0
.
1
4
001
0
0
6
.
6
6
10
6
.
6
60
3
.
3
3
001
1
0
0
.
0
7
10
0
.
8
60
0
.
4
3
01
0
0
0
0
.
5
7
10
0
.
0
70
0
.
5
3
01
0
1
0
0
.
0
8
10
0
.
2
70
0
.
6
3
01
1
0
0
0
.
5
8
10
0
.
4
70
0
.
7
3
01
1
1
0
0
.
0
9
10
0
.
6
70
0
.
8
3
100
0
0
8
.
6
60
8
.
6
60
4
.
3
3
100
1
0
9
.
0
0
17
2
.
7
63
6
.
3
3
10
1
0
0
6
.
3
3
10
8
.
6
60
4
.
3
3
10
1
1
0
4
.
0
0
20
8
.
6
60
4
.
3
3
11
0
0
0
6
.
6
60
6
.
6
60
3
.
2
3
11
0
1
0
0
.
0
0
10
6
.
6
60
3
.
3
3
11
1
0
0
0
.
0
0
20
6
.
8
60
3
.
3
3
11
1
1
0
3
.
3
3
10
6
.
8
60
3
.
3
3
ADVANCE INFORMATION documents contain information on products in the formative or design phase development. Characteristic data and other specifications are design goals.
ICS reserves the right to change or discontinue these products without notice. Third party brands and names are the property of their respective owners.
1**SEL24_48/REF0
VDDREF
GND
X1
X2
VDD48
*FS3/48MHz
*FS2/24_48MHz
GND
*FS0/PCICLK_F
**FS1/PCICLK0
*MULTI_SEL/PCICLK1
GND
PCICLK2
PCICLK3
VDDPCI
PCICLK4
PCICLK5
PCICLK6
GND
PCICLK7
*PD#
AGPCLK0
VDDAGP
*WDTB/
**WDEN/
VDDLAPIC
GND
N/C
IOAPIC
GND
VDDCPU_PP (2.5V)
CPUCLK_PPT
CPUCLK_PPC
CPUCLKT_0
CPUCLKC_0
VDDCPU (3.3V)
I REF
GND
CPUCLKT_1
CPUCLKC_1
Vtt_PWRGD#
CPU_STOP#*
PCI_STOP#*
RESET#
SDATA
SCLK
AGPCLK2
AGPCLK1
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25


Similar Part No. - ICS950905

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950901 ICST-ICS950901 Datasheet
208Kb / 20P
Programmable Timing Control Hub for P4
ICS950901YFLFT ICST-ICS950901YFLFT Datasheet
208Kb / 20P
Programmable Timing Control Hub for P4
ICS950902 ICST-ICS950902 Datasheet
184Kb / 20P
Programmable Timing Control Hub??for P4?
ICS950902YFLF-T ICST-ICS950902YFLF-T Datasheet
184Kb / 20P
Programmable Timing Control Hub??for P4?
ICS950902YGLF-T ICST-ICS950902YGLF-T Datasheet
184Kb / 20P
Programmable Timing Control Hub??for P4?
More results

Similar Description - ICS950905

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
Programmable Timing Control Hub for P4
ICS950908 ICST-ICS950908 Datasheet
279Kb / 22P
Programmable Timing Control Hub??for P4?
ICS950902 ICST-ICS950902 Datasheet
184Kb / 20P
Programmable Timing Control Hub??for P4?
ICS950703 ICST-ICS950703 Datasheet
158Kb / 24P
PROGRAMMABLE TIMING CONTROL HUB FOR P4
ICS950208 ICST-ICS950208 Datasheet
133Kb / 19P
Programmable Timing Control Hub for P4
ICS950211 ICST-ICS950211 Datasheet
183Kb / 21P
Programmable Timing Control Hub for P4
ICS950220 ICST-ICS950220 Datasheet
170Kb / 20P
Programmable Timing Control Hub??for P4?
logo
Integrated Device Techn...
ICS950910 IDT-ICS950910 Datasheet
218Kb / 21P
Programmable Timing Control Hub??for P4?
logo
Integrated Circuit Solu...
ICS950220AFLFT ICSI-ICS950220AFLFT Datasheet
238Kb / 20P
Programmable Timing Control Hub??for P4?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com