Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFN Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # CFN
Description  3-phase Delta Power Line Filter for High Voltage Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

CFN Datasheet(HTML) 2 Page - TE Connectivity Ltd

  CFN Datasheet HTML 1Page - TE Connectivity Ltd CFN Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
117
3-phase Delta Power Filter for High Voltage Applications (continued)
2
CFN Series
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
L1
L2
L3
L1
L2
L3
PE
PE
L
I
N
E
L
O
A
D
CL
CL
8.27
8.27
A
D1
B
3.94
4.72
G
F
5.0
M5 Insert (4 places)
E
C
D2
2.52
Case Style
Part No.
A
B
C
D1
D2
E
F
G
H











300-600CFN12


















Case Dimensions
Typical Insertion Loss
Minimum Insertion Loss
Common Mode / Asymmetrical (Line to Ground)
Differential Mode / Symmetrical (Line to Line)
Measured in closed 50 Ohm system
Common Mode / Asymmetrical (L-G)
Differential Mode / Symmetrical (L-L)
Measured in closed 50 Ohm system
Performance Data

 



 






     
  

         
300-600CFN12
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz



     
  

         



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com