Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIB1000 Datasheet(PDF) 10 Page - LUXPIA

Part # LIB1000
Description  Pb-Free Reflow
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LIB1000 Datasheet(HTML) 10 Page - LUXPIA

Back Button LIB1000 Datasheet HTML 6Page - LUXPIA LIB1000 Datasheet HTML 7Page - LUXPIA LIB1000 Datasheet HTML 8Page - LUXPIA LIB1000 Datasheet HTML 9Page - LUXPIA LIB1000 Datasheet HTML 10Page - LUXPIA LIB1000 Datasheet HTML 11Page - LUXPIA LIB1000 Datasheet HTML 12Page - LUXPIA LIB1000 Datasheet HTML 13Page - LUXPIA LIB1000 Datasheet HTML 14Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
(Ver 1.0)
9/14
10. Cautions
The LEDs are device which are materialized by combining Blue LEDs and special phosphors. Consequently,
the color of White LEDs is subject to change a little by an operating current.
Care should be taken after due consideration when using LEDs.
(1) Moisture-Proof Package
• When moisture is absorbed into the SMT package it may vaporize and expand products during soldering.
There is a possibility that this may cause exfoliation of the contacts and damage to the optical characteristics
of the LEDs. For this reason, the moisture-proof package is used to keep moisture to a minimum in the
package.
• A package of a moisture-absorbent material (silica gel) is inserted into the shielding bag. The silica gel
changes its color from yellow to green as it absorbs moisture.
(2) Storage
• Storage Conditions
- After opening the package :
The LEDs should be kept at 5℃~40℃ or less and 30%RH or less. The LEDs should be soldered within 24
hours after opening the package. If unused LEDs remain, they should be stored in moisture-proof packages,
such as sealed containers with packages of moisture-absorbent material (silica gel). It is also recommended
to return the LEDs to the original moisture-proof bag and to reseal the moisture-proof bag again.
• If the moisture-absorbent material (silica gel) has faded away or the LEDs have exceeded the recommended
storage time, baking treatment should be performed using the following conditions.
- Baking treatment : more than 24 hours at 60±5℃ (Reel condition)
more than 12 hours at 125±5℃ (Each piece condition)
• Please avoid condition which may cause difficulty during soldering operations. It is recommended that the
User use the LEDs as soon as possible.
• Please avoid rapid transitions in ambient temperature, especially in high humidity environments where
condensation can occur.
(3) Heat Generation
• Thermal design of the end product is of paramount importance. Please consider the heat generation of the
LED when the system is designed. The coefficient of temperature increase per input electric power is
affected by the thermal resistance of the circuit board and density of LED placement on the board, as well as
other components. It is necessary to avoid intense heat generation and operate within the maximum ratings
given in the specification.
• The operating current should be decided after considering the ambient maximum temperature of LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com