Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTH21N50 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH21N50
Description  MegaMOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH21N50 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH21N50 Datasheet HTML 1Page - IXYS Corporation IXTH21N50 Datasheet HTML 2Page - IXYS Corporation IXTH21N50 Datasheet HTML 3Page - IXYS Corporation IXTH21N50 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 - 4
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
500
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
21N50
21
A
24N50
24
A
I
DM
T
C = 25°C, pulse width limited by TJM
21N50
84
A
24N50
96
A
P
D
T
C = 25°C
300
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting torque
1.13/10
Nm/lb.in.
Weight
TO-204 = 18 g, TO-247 = 6 g
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
TO-247 AD (IXTH)
MegaMOSTMFET
N-Channel Enhancement Mode
TO-204 AE (IXTM)
V
DSS
I
D25
R
DS(on)
IXTH / IXTM 21N50
500 V
21 A
0.25
Ω
Ω
Ω
Ω
Ω
IXTH / IXTM 24N50
500 V
24 A
0.23
Ω
Ω
Ω
Ω
Ω
G = Gate,
D = Drain,
S = Source,
TAB = Drain
D
G
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS
= 0 V, I
D = 250 µA
500
V
V
GS(th)
V
DS
= V
GS, ID = 250 µA2
4
V
I
GSS
V
GS
=
±20 V
DC, VDS = 0
±100
nA
I
DSS
V
DS
= 0.8 • V
DSS
T
J = 25°C
200
µA
V
GS = 0 V
T
J = 125°C1
mA
R
DS(on)
V
GS
= 10 V, I
D = 0.5 ID25
21N50
0.25
Ω
24N50
0.23
Ω
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
Features
l
International standard packages
l
Low R
DS (on) HDMOS
TM process
l
Rugged polysilicon gate cell structure
l
Low package inductance (< 5 nH)
- easy to drive and to protect
l
Fast switching times
Applications
l
Switch-mode and resonant-mode
power supplies
l
Motor controls
l
Uninterruptible Power Supplies (UPS)
l
DC choppers
Advantages
l
Easy to mount with 1 screw (TO-247)
(isolated mounting screw hole)
l
Space savings
l
High power density
91536F(5/97)
D (TAB)
IXYS reserves the right to change limits, test conditions, and dimensions.


Similar Part No. - IXTH21N50

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IXTH21N50 NJSEMI-IXTH21N50 Datasheet
143Kb / 2P
N-Channel Enhancement Mode
logo
Inchange Semiconductor ...
IXTH21N50 ISC-IXTH21N50 Datasheet
380Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTH21N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTK62N25 IXYS-IXTK62N25 Datasheet
85Kb / 2P
High Current MegaMOSFET
IXTH67N10 IXYS-IXTH67N10 Datasheet
111Kb / 4P
MegaMOSFET
IXTK250N10 IXYS-IXTK250N10 Datasheet
69Kb / 2P
High Current MegaMOSFET
IXTK33N50 IXYS-IXTK33N50 Datasheet
85Kb / 4P
High Current MegaMOSFET
IXTH11N80 IXYS-IXTH11N80 Datasheet
98Kb / 4P
MegaMOSFET
IXTH14N80 IXYS-IXTH14N80 Datasheet
80Kb / 4P
MegaMOSFET
IXTK120N25 IXYS-IXTK120N25 Datasheet
85Kb / 2P
High Current MegaMOSFET
IXTK74N20 IXYS-IXTK74N20 Datasheet
320Kb / 2P
High Current MegaMOSFET
VMO400-02F IXYS-VMO400-02F Datasheet
85Kb / 4P
MegaMOSFET Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com