Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT1-DC Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # RT1-DC
Description  Power PCB Relay RT1 DC and AC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RT1-DC Datasheet(HTML) 1 Page - TE Connectivity Ltd

  RT1-DC Datasheet HTML 1Page - TE Connectivity Ltd RT1-DC Datasheet HTML 2Page - TE Connectivity Ltd RT1-DC Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Low Power PCB Relays
Power PCB Relay RT1 DC and AC (for Asia/Pacific markets)
n
1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
n
Sensitive coil 400mW
n
5kV/10mm coil-contact, reinforced insulation
n
Ambient temperature 85°C
n
WG version: product in accordance to IEC 60335-1
Typical applications
Boiler control, timers, garage door control, POS automation, interface
modules.
Approvals
VDE Cert. No. 40007571, UL E214025, cCSAus 1142018
Technical data of approved types on request.
Contact Data
12A
16A
Contact arrangement
1 form C (CO) or 1 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
12A
16A
Limiting continuous current
12A
16A, UL: 20A
Limiting making current
max. 4s, duty factor 10%
25A
30A
Breaking capacity max.
3000VA
4000VA
Contact Material
AgNi 90/10
Frequency of operation, with/without load
360/72000h-1
Operate/release time max., DC coil
8/6ms
Bounce time max., DC coil, form A/form B
4/6ms
Contact ratings
Type
Contact
Load
Cycles
IEC 61810
RT314 DC-coil A (NO)
16A, 250VAC, cos
φ=1, 85°C
30x103
RT314 DC-coil C (CO)
16A, 250VAC, cos
φ=1, 85°C
10x103
RT314 DC-coil A (NO)
10A, 400VAC, cos
φ=1, 85°C
150x103
RT114 DC-coil A (NO)
12A, 250VAC, cos
φ=1, 85°C
50x103
RT114 AC-coil A (NO)
12A, 250VAC, cos
φ=1, 70°C
100x103
UL 508
RT314
A/B (NO/NC) 20A, 250VAC, general purpose, 85°C 6x103
RT334
A (NO)
16A, 250VAC, gen. purpose, 85°C
50x103
RT314
A (NO)
1hp, 240VAC, 40°C
1x103
EN60947-5-1
RT314 DC-coil A/B (NO/NC) 2A, 24VDC, DC13
6.050
EN60730-1
RT314 DC-coil A (NO)
12(2)A, 250VAC, 85°C
100x103
Mechanical endurance
>30x106 operations
Coil Data
Coil voltage range
5 to 110VDC
Operative range, IEC 61810
2
Coil insulation system according UL
class F
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
005
5
3.5
0.5
62
403
006
6
4.2
0.6
90
400
009
9
6.3
0.9
200
400
012
12
8.4
1.2
360
400
024
24
16.8
2.4
1440
400
048
48
33.6
4.8
5520
417
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
1000V
rms
between contact and coil
5000V
rms
Clearance/creepage
between contact and coil
≥10/10mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI 250V
Z b


Similar Part No. - RT1-DC

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RT1-0303S10D1WR RSG-RT1-0303S10D1WR Datasheet
817Kb / 5P
1W fixed input voltage isolated & unregulated single output
RT1-0305S10D1WR RSG-RT1-0305S10D1WR Datasheet
817Kb / 5P
1W fixed input voltage isolated & unregulated single output
RT1-0312S10D1WR RSG-RT1-0312S10D1WR Datasheet
817Kb / 5P
1W fixed input voltage isolated & unregulated single output
RT1-0315S10D1WR RSG-RT1-0315S10D1WR Datasheet
817Kb / 5P
1W fixed input voltage isolated & unregulated single output
RT1-0324S10D1WR RSG-RT1-0324S10D1WR Datasheet
817Kb / 5P
1W fixed input voltage isolated & unregulated single output
More results

Similar Description - RT1-DC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT114005 MACOM-RT114005_05 Datasheet
243Kb / 4P
Power PCB Relay RT1
2-1393237-2 MACOM-2-1393237-2 Datasheet
567Kb / 3P
Power PCB Relay RT1
2-1393238-1 MACOM-2-1393238-1 Datasheet
726Kb / 4P
Power PCB Relay RT1
2-1393238-5 MACOM-2-1393238-5 Datasheet
726Kb / 4P
Power PCB Relay RT1
2-1419108-8 MACOM-2-1419108-8 Datasheet
618Kb / 3P
Power PCB Relay RT1
RT314024F MACOM-RT314024F Datasheet
567Kb / 3P
Power PCB Relay RT1
1-1393240-1 MACOM-1-1393240-1 Datasheet
479Kb / 4P
Power PCB Relay RT1
RTD34012F MACOM-RTD34012F Datasheet
669Kb / 3P
Power PCB Relay RT1
6-1393238-2 MACOM-6-1393238-2 Datasheet
492Kb / 4P
Power PCB Relay RT1
logo
TE Connectivity Ltd
RT1 TEC-RT1 Datasheet
492Kb / 4P
Power PCB Relay RT1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com