Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L561 Datasheet(PDF) 1 Page - IXYS Corporation

Part # L561
Description  Three Phase Rectifier Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L561 Datasheet(HTML) 1 Page - IXYS Corporation

  L561 Datasheet HTML 1Page - IXYS Corporation L561 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2002 IXYS All rights reserved
1 - 2
IXYS reserves the right to change limits, test conditions and dimensions.
VUE 130-06NO7
B3
Three Phase Rectifier Bridge
with Fast Recovery Epitaxial Diodes (FRED)
in ECO-PAC 2
I
dAV
= 130 A
V
RRM
= 600 V
t
rr
= 35 ns
V
RSM
V
RRM
Typ
V
V
600
600
VUE 130-06NO7
Symbol
Conditions
Maximum Ratings
I
dAV
T
C = 85°C, module
130
A
I
dAVM
130
A
I
FSM
T
VJ = 45°C
t = 10 ms (50 Hz), sine
600
A
V
R = 0
t = 8.3 ms (60 Hz), sine
640
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
520
A
V
R = 0
t = 8.3 ms (60 Hz), sine
555
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
1800
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
1720
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
1350
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
1295
A2s
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
3000
V~
I
ISOL ≤ 1 mA
t = 1 s
3600
V~
M
d
Mounting torque (M4)
1.5-2/14-18 Nm/lb.in.
Weight
typ.
24
g
Features
• Package with DCB ceramic
base plate in low profile
• Isolation voltage 3000 V~
• Planar passivated chips
• Low forward voltage drop
• Leads suitable for PC board soldering
Applications
• Supplies for DC power equipment
• Input and output rectifiers for high
frequency
• Battery DC power supplies
• Field supply for DC motors
Advantages
• Space and weight savings
• Improved temperature and power
cycling capability
• Small and light weight
• Low noise switching
Data according to IEC 60747 refer to a single diode unless otherwise stated
① for resistive load at bridge output.
Dimensions in mm (1 mm = 0.0394")
Symbol
Conditions
Characteristic Values
typ.
max.
I
R
V
R = VRRM
T
VJ = 25°C
0.1
mA
V
R = VRRM
T
VJ = TVJM
2.5
mA
V
F
I
F = 60 A
T
VJ = 25°C
2.04
V
V
T0
for power-loss calculations only
1.09
V
r
T
4.3 m
R
thJC
per diode; DC current
0.8 K/W
R
thCH
per diode, DC current, typ.
0.2 K/W
I
RM
I
F = 130 A, -diF/dt = 100 A/µs
6.8
A
V
R = 100 V, TVJ = 100°C
t
rr
I
F = 1 A; -di/dt = 300 A/µs; VR = 30 V, TVJ = 25°C
35
ns
a
Max. allowable acceleration
50
m/s2
d
S
creeping distance on surface (pin to heatsisnk)
11.2
mm
d
A
strike distance in air
(pin to heatsisnk)
9.7
mm
Preliminary data sheet
PS16
EG 1
~ A 1
~ L 9
~ K10
Pin arangement see outlines


Similar Part No. - L561

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L56 ETC-L56 Datasheet
118Kb / 5P
T-1 3/4 (5MM) BLINKING LED LAMPS
L5622.5A ETC2-L5622.5A Datasheet
144Kb / 1P
L562 MINIATURE GLASS FUSE LINKS
logo
IXYS Corporation
L564 IXYS-L564 Datasheet
36Kb / 1P
Three Phase Rectifier Bridge in ECO-PAC 2
L566 IXYS-L566 Datasheet
54Kb / 2P
Three Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
logo
List of Unclassifed Man...
L56BGD ETC-L56BGD Datasheet
118Kb / 5P
T-1 3/4 (5MM) BLINKING LED LAMPS
More results

Similar Description - L561

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO34-08NO1 IXYS-VUO34-08NO1 Datasheet
51Kb / 2P
Three Phase Rectifier Bridge
VUO160 IXYS-VUO160 Datasheet
30Kb / 1P
Three Phase Rectifier Bridge
VTO39 IXYS-VTO39 Datasheet
53Kb / 2P
Three Phase Rectifier Bridge
VUO5012N03 IXYS-VUO5012N03 Datasheet
77Kb / 2P
Three Phase Rectifier Bridge
logo
Powersem GmbH
PSD43F06 POWERSEM-PSD43F06 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
PSD43F12 POWERSEM-PSD43F12 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
logo
IXYS Corporation
VUO25-08NO8 IXYS-VUO25-08NO8 Datasheet
145Kb / 2P
Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0036A SSDI-RA0036A Datasheet
100Kb / 1P
THREE PHASE BRIDGE RECTIFIER
RA0082 SSDI-RA0082 Datasheet
147Kb / 1P
THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUO122-18NO7 IXYS-VUO122-18NO7 Datasheet
106Kb / 1P
Three Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com