Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4913MH Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4913MH
Description  2W Monaural, 90mW Stereo Headphone Audio Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4913MH Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4913MH Datasheet HTML 1Page - National Semiconductor (TI) LM4913MH Datasheet HTML 2Page - National Semiconductor (TI) LM4913MH Datasheet HTML 3Page - National Semiconductor (TI) LM4913MH Datasheet HTML 4Page - National Semiconductor (TI) LM4913MH Datasheet HTML 5Page - National Semiconductor (TI) LM4913MH Datasheet HTML 6Page - National Semiconductor (TI) LM4913MH Datasheet HTML 7Page - National Semiconductor (TI) LM4913MH Datasheet HTML 8Page - National Semiconductor (TI) LM4913MH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM4913
2W Monaural, 90mW Stereo Headphone Audio Amplifier
General Description
The unity-gain stable LM4913 is both a mono differential
output (for bridge-tied loads, or BTL) audio power amplifier
and a single-ended (SE) stereo headphone amplifier. Oper-
ating on a single 5V supply, the mono BTL mode delivers 2W
(typ) to a 4
Ω load (Note 1) at 0.3% THD+N. In SE stereo
mode, the amplifier will deliver 90mW to 32
Ω loads. The
LM4913 features circuitry that suppresses output transients
("clicks and pops").
The LM4913 is designed for notebook and other handheld
portable applications. It delivers high quality output power
from a surface-mount package and requires few external
components. The LM4913 is pin and functionally compatible
with the TPA0213.
Other features include an active-low micro-power shutdown
mode and thermal shutdown protection.
The LM4913 is available a space efficient 10-lead exposed-
DAP TSSOP package.
Note 1: When operating on a 5VDC supply, an LM4913MH that has been
properly mounted to a circuit board will deliver 2W into 4
Ω. See the Applica-
tion Information sections for further information concerning PCB layout sug-
gestions to maximize the LM4913MH’s output power with a 4
Ω load.
Key Specifications
j BTL output power (RL =4
Ω)
V
DD = at 3.0V, THD = 1%
V
DD = at 5.0V, THD = 0.3%
660mW (typ)
2W (typ)
j SE output power (RL =32
Ω and THD = 0.1%)
V
DD = at 3.0V
V
DD = at 5.0V
33mW (typ)
90mW (typ)
j Micro-power shutdown supply current
1µA (typ)
jPSRR (@ 1kHz, 2.9V
≤ VDD ≤
5.1V, (Fig. 1))
BTL
SE
52dB (typ)
62dB (typ)
Features
n
Advanced "click and pop" suppression circuitry
n
Stereo headphone amplifier mode
n
Low current micro-power shutdown mode
n
Thermal shutdown protection circuitry
n
2.5V to 5.5V operation
n
Unity-gain stable
n
Gain set with external resistors
n
Space-saving exposed-DAP TSSOP package
Applications
n
PDAs
n
Cellular phones
n
Handheld portable electronic devices
Connection Diagram
200617A0
Top View
Order Number LM4913MH
See NS package Number MXF10A
Boomer® is a registered trademark of National Semiconductor Corporation.
December 2002
© 2002 National Semiconductor Corporation
DS200617
www.national.com


Similar Part No. - LM4913MH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4910 NSC-LM4910 Datasheet
828Kb / 22P
Output Capacitor-less Stereo 35mW Headphone Amplifier
logo
Texas Instruments
LM4910 TI2-LM4910 Datasheet
1Mb / 31P
LM4910 Output Capacitor-less Stereo 35mW Headphone Amplifier
REVISED MARCH 2007
logo
National Semiconductor ...
LM49100 NSC-LM49100 Datasheet
2Mb / 24P
Mono Class AB Audio Subsystem with a True-Ground Headphone Amplifier
LM49100 NSC-LM49100 Datasheet
2Mb / 26P
Mono Class AB Audio Sub-System with a True-Ground Headphone Amplifier
logo
Texas Instruments
LM49100 TI1-LM49100 Datasheet
4Mb / 33P
Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
More results

Similar Description - LM4913MH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4854 NSC-LM4854 Datasheet
1Mb / 29P
1.9W Monaural, 85mW Stereo Headphone Audio Amplifier
logo
Sanyo Semicon Device
LA4820M SANYO-LA4820M Datasheet
677Kb / 20P
Monaural Speaker/Stereo Headphone Power Amplifier
logo
National Semiconductor ...
LM4914 NSC-LM4914 Datasheet
384Kb / 15P
1W Monaural, 85mW Stereo Headphone Audio Amplifier
logo
Global Mixed-mode Techn...
G1420 GMT-G1420 Datasheet
377Kb / 20P
2W Stereo Audio Amplifier
G1431 GMT-G1431 Datasheet
280Kb / 13P
2W Stereo Audio Amplifier
logo
Rohm
BH7881EFV ROHM-BH7881EFV_05 Datasheet
592Kb / 9P
2W 2W Stereo Speaker / Headphone Amplifier
BH7881EFV ROHM-BH7881EFV_10 Datasheet
410Kb / 10P
2W 2W Stereo Speaker / Headphone Amplifier
logo
Unisonic Technologies
PA3431 UTC-PA3431 Datasheet
266Kb / 11P
2W STEREO AUDIO AMPLIFIER
PA3017 UTC-PA3017_15 Datasheet
403Kb / 10P
2W STEREO AUDIO AMPLIFIER
PA3427 UTC-PA3427_15 Datasheet
270Kb / 7P
2W STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com