Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRX-2463 Datasheet(PDF) 2 Page - PIC GmbH

Part # PRX-2463
Description  Ultra miniature size
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIC [PIC GmbH]
Direct Link  http://www.pic-gmbh.com
Logo PIC - PIC GmbH

PRX-2463 Datasheet(HTML) 2 Page - PIC GmbH

  PRX-2463 Datasheet HTML 1Page - PIC GmbH PRX-2463 Datasheet HTML 2Page - PIC GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SW T
IC HI N G T HE S M A R T WAY
PRX+2463
PRX+2463
Ultraminiature SMD Reed
Switch
Recommended PCB Layout in mm
PRX+2463
When placed onto ferromagnetic parts
switching distance of
may reduce.
Electromagnetical influences and magnetic fields
may change the switching behaviour
of the SMD Reed Switch.
Remarks
PIC Proximity Instrumentation Controls
Kontaktbauelemente GmbH
Phone +49 911 99 59 06-0
Fax
+49 911 99 59 06-99
Rev.:
1.0
prx2463_ds_e_1.0
info@pic-gmbh.com
www.pic-gmbh.com
Nibelungenstr. 5 A
90530 Wendelstein, Germany
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com