Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7808CT Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7808CT
Description  Series 3-Terminal Positive Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7808CT Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM7808CT Datasheet HTML 1Page - National Semiconductor (TI) LM7808CT Datasheet HTML 2Page - National Semiconductor (TI) LM7808CT Datasheet HTML 3Page - National Semiconductor (TI) LM7808CT Datasheet HTML 4Page - National Semiconductor (TI) LM7808CT Datasheet HTML 5Page - National Semiconductor (TI) LM7808CT Datasheet HTML 6Page - National Semiconductor (TI) LM7808CT Datasheet HTML 7Page - National Semiconductor (TI) LM7808CT Datasheet HTML 8Page - National Semiconductor (TI) LM7808CT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM140/LM340A/LM340/LM7800C
Series 3-Terminal Positive Regulators
General Description
The LM140/LM340A/LM340/LM7800C monolithic 3-terminal
positive voltage regulators employ internal current-limiting,
thermal shutdown and safe-area compensation, making
them essentially indestructible. If adequate heat sinking is
provided, they can deliver over 1.0A output current. They are
intended as fixed voltage regulators in a wide range of appli-
cations including local (on-card) regulation for elimination of
noise and distribution problems associated with single-point
regulation. In addition to use as fixed voltage regulators,
these devices can be used with external components to ob-
tain adjustable output voltages and currents.
Considerable effort was expended to make the entire series
of regulators easy to use and minimize the number of exter-
nal components. It is not necessary to bypass the output, al-
though this does improve transient response. Input bypass-
ing is needed only if the regulator is located far from the filter
capacitor of the power supply.
The 5V, 12V, and 15V regulator options are available in the
steel TO-3 power package. The LM340A/LM340/LM7800C
series is available in the TO-220 plastic power package, and
the LM340-5.0 is available in the SOT-223 package, as well
as the LM340-5.0 and LM340-12 in the surface-mount
TO-263 package.
Features
n Complete specifications at 1A load
n Output voltage tolerances of ±2% at Tj = 25˚C and ±4%
over the temperature range (LM140A/LM340A)
n Line regulation of 0.01% of VOUT/V of ∆VIN at 1A load
(LM140A/LM340A)
n Load regulation of 0.3% of VOUT/A (LM140A/LM340A)
n Internal thermal overload protection
n Internal short-circuit current limit
n Output transistor safe area protection
n P
+ Product Enhancement tested
Device
Output
Voltages
Packages
LM140
5, 12,
15
TO-3 (K)
LM340A/LM340
5, 12,
15
TO-3 (K), TO-220 (T),
SOT-223 (MP), TO-263 (S)
(5V and 12V only)
LM7800C
5, 8, 12,
15
TO-220 (T)
Typical Applications
Fixed Output Regulator
DS007781-1
*Required if the regulator is located far from the power supply filter.
**Although no output capacitor is needed for stability, it does help transient
response. (If needed, use 0.1 µF, ceramic disc).
Adjustable Output Regulator
DS007781-2
VOUT = 5V + (5V/R1 + IQ) R2 5V/R1 > 3IQ,
load regulation (Lr) ≈ [(R1 + R2)/R1] (Lr of LM340-5).
Current Regulator
DS007781-3
∆IQ = 1.3 mA over line and load changes.
Comparison between SOT-223 and D-Pak (TO-252)
Packages
DS007781-38
Scale 1:1
May 1999
© 1999 National Semiconductor Corporation
DS007781
www.national.com


Similar Part No. - LM7808CT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM7808CT FAIRCHILD-LM7808CT Datasheet
335Kb / 23P
3-Terminal 1A Positive Voltage Regulator
logo
National Semiconductor ...
LM7808CT NSC-LM7808CT Datasheet
920Kb / 17P
3-Terminal Positive Regulators
LM7808CT NSC-LM7808CT Datasheet
303Kb / 10P
3-Terminal Positive Voltage Regulators
logo
Fairchild Semiconductor
LM7808CT FAIRCHILD-LM7808CT Datasheet
556Kb / 28P
3-Terminal 1A Positive Voltage Regulator
LM7808CT FAIRCHILD-LM7808CT Datasheet
1Mb / 28P
3-Terminal 1A Positive Voltage Regulator
More results

Similar Description - LM7808CT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
3-Terminal Positive Regulators
LM342 NSC-LM342 Datasheet
138Kb / 6P
3-Terminal Positive Regulators
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
3-Terminal Positive Regulators
LM340 NSC-LM340 Datasheet
920Kb / 17P
3-Terminal Positive Regulators
logo
Sipex Corporation
SP78XX SIPEX-SP78XX Datasheet
368Kb / 10P
3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
3-Terminal Positive Regulators
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
3-Terminal Positive Regulators
logo
Texas Instruments
LM78L05 TI1-LM78L05 Datasheet
1,014Kb / 21P
LM78LXX Series 3-Terminal Positive Regulators
logo
Sipex Corporation
SP7805V-L SIPEX-SP7805V-L Datasheet
391Kb / 10P
3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com