Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1482AG-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # P1482AG-SH2-R
Description  Programmable Soft-Start
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1482AG-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  P1482AG-SH2-R Datasheet HTML 1Page - Unisonic Technologies P1482AG-SH2-R Datasheet HTML 2Page - Unisonic Technologies P1482AG-SH2-R Datasheet HTML 3Page - Unisonic Technologies P1482AG-SH2-R Datasheet HTML 4Page - Unisonic Technologies P1482AG-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
P1482A
LINEARINTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R115-001.C
2A, 18V, 340KHZ
SYNCHRONOUS RECTIFIED
STEP-DOWN CONVERTER
DESCRIPTION
The UTC P1482A is a synchronous buck regulator. The
device provides 2A of continuous load current over a wide input
voltage of 6V~18V. Current mode control provides fast transient
response and cycle-bycycle current limit. An adjustable soft-start
prevents inrush current at turn-on.
The UTC P1482A can provide low-ripple power, high
efficiency, and perfect transient characteristics. The duty ratio
varies linearly from 0% to 92% in the PWM control. The error
amplifier circuit and soft-start circuit included in this device can
prevent overshoot at startup. An enable function, an over current
protect (OCP) function and short circuit protect (SCP) are also
build inside, and when OCP happens, the operation frequency
will be reduced.
FEATURES
* 2A Output Current
* Wide 6V~18V Operating Input Range
* Integrated Power MOSFET Switches
* Programmable Soft-Start
* Stable with Low ESR Ceramic Output Capacitors
* Fixed 340KHz Frequency
* Cycle-by-Cycle Over Current Protection
HSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
P1482AG-SH2-R
HSOP-8
Tape Reel
P1482AG-SH2-R
(1)Packing Type
(2)Package Type
(3)Green Package
(1) R: Tape Reel
(2) SH2: HSOP-8
(3) G: Halogen Free and Lead Free
MARKING


Similar Part No. - P1482AG-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1482AG-SH2-R UTC-P1482AG-SH2-R Datasheet
336Kb / 5P
2A, 18V, 365KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
More results

Similar Description - P1482AG-SH2-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
1.5A LDO Linear Regulator with Programmable Soft-Start
TPS74201 TI-TPS74201 Datasheet
978Kb / 26P
1.5A Ultra-LDO with Programmable Soft-Start
TPS74401-EP TI1-TPS74401-EP Datasheet
797Kb / 26P
3.0-A ULTRA-LDO WITH PROGRAMMABLE SOFT-START
TPS74401KTWTG3 TI-TPS74401KTWTG3 Datasheet
1Mb / 29P
3.0A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
Ultra-LDO With Programmable Soft-Start
TPS74401 TI1-TPS74401_16 Datasheet
1Mb / 40P
3.0-A, Ultra-LDO with Programmable Soft-Start
logo
Unisonic Technologies
L1803G-SH2-R UTC-L1803G-SH2-R Datasheet
217Kb / 6P
Programmable soft-start provides linear voltage startup
LC1111G-AG6-R UTC-LC1111G-AG6-R Datasheet
201Kb / 7P
Programmable soft-start
logo
Union Semiconductor, In...
UM5482S8 UNIONSEMI-UM5482S8 Datasheet
227Kb / 6P
Programmable Soft-Start
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com