Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2680G-SH2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # P2680G-SH2-R
Description  Output Adjustable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P2680G-SH2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  P2680G-SH2-R Datasheet HTML 1Page - Unisonic Technologies P2680G-SH2-R Datasheet HTML 2Page - Unisonic Technologies P2680G-SH2-R Datasheet HTML 3Page - Unisonic Technologies P2680G-SH2-R Datasheet HTML 4Page - Unisonic Technologies P2680G-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P2680
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-A32.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
VIN Supply Voltage
VIN
26
V
SW Voltage
VSW
-1~VIN+1
V
BST Voltage
VBST
VSW-0.3~VSW+8
V
EN Voltage
VEN
-0.3~6
V
FB Voltage
VFB
-0.3~6
V
COMP Voltage
VCOMP
-0.3~6
V
Maximum Power Dissipation
PD
0.76
W
Junction Temperature
TJ
-40~150
°C
Storage Temperature
TSTG
-55~150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Exceeding these ratings may damage the device.
RECOMMENDED OPERATING CONDITIONS (Note)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
4~26
V
Ambient Operating Temperature
TA
-40 ~ +125
°C
Note: The device is not guaranteed to function outside its operating rating.
PACKAGE THERMAL CHARACTERISTICS (Note)
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
105
°C/W
Junction to Case
θJC
50
°C/W
Note: Measured on approximately 1” square of 1 oz. Copper surrounding device leads.
ELECTRICAL CHARACTERISTICS (T
A = 25°C, VIN = 12V, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
VOUT= 5V, ILOAD = 0A~1A
7
26
V
Feedback Voltage
VFB
4.5V ≤ VIN ≤ 23V, VCOMP< 2V
0.900 0.923 0.946
V
Switch On Resistance (High-Side)
RONH
0.20
Switch On Resistance (Low-Side)
RONL
0.20
SW Leakage
VEN= 0V
0
8
µA
Current Limit
ILIM
2.4
A
Current Limit Gain.
Output Current to Comp Pin Voltage
3.3
A/V
Error Amplifier Transconductance
∆ICOMP= ±10µA
600
µA/V
Error Amplifier Gain
8000
V/V
Oscillator Frequency
FOSC
305
340
375
kHz
Short Circuit Frequency
FOSC_S
VFB= 0V
100
kHz
Maximum Duty Cycle
DMAX
VFB= 0.7V
90
%
Minimum Duty Cycle
DMIN
VFB= 1.1V
0
%
Enable Threshold Voltage
VEN
Hysteresis = 0.2V
1
V
Enable Pull-Up Current
IEN
VEN = 0V
4.8
µA
Supply Current in Shutdown
ISD
VEN = 0V
110
µA
IC Supply Current in Operation
IO
VEN>2V, VFB= 1.4V
0.9
mA
Soft-Start Current
VSS = 0V
6
µA
Soft-Start Period
CSS = 0.1μF
15
ms
Thermal Shutdown Temperature
T
Hysteresis = 10°C
160
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com