Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALC40DF271DF500 Datasheet(PDF) 10 Page - Kemet Corporation

Part # ALC40DF271DF500
Description  Snap-In Aluminum Electrolytic Capacitors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALC40DF271DF500 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button ALC40DF271DF500 Datasheet HTML 6Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 7Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 8Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 9Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 10Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 11Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 12Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 13Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4026_ALC40 • 8/14/2016
Snap-In Aluminum Electrolytic Capacitors – ALC40 Series, +105ºC
VDC
Rated
Capacitance Size Code
Case Size
Ripple Current
ESR
Maximum
Impedance
Maximum
Part Number
100 Hz
20°C (µF)
D x L (mm)
100 Hz
105°C (A)
10 kHz
105°C (A)
100 Hz
20°C (mΩ)
10 kHz
20°C (mΩ)
350
180
CB
30 x 30
1.17
2.46
618
410
ALC40(1)181CB350
350
220
CC
30 x 35
1.36
2.88
502
332
ALC40(1)221CC350
350
270
CD
30 x 40
1.59
3.33
410
272
ALC40(1)271CD350
350
270
EB
40 x 30
1.97
4.36
448
291
ALC40(1)271EB350
350
330
DC
35 x 35
1.79
3.24
378
260
ALC40(1)331DC350
350
390
CF
30 x 50
2.02
4.02
287
191
ALC40(1)391CF350
350
390
DD
35 x 40
2.02
3.67
317
218
ALC40(1)391DD350
350
390
ED
40 x 40
2.64
5.73
312
203
ALC40(1)391ED350
350
470
DF
35 x 50
2.72
4.90
251
170
ALC40(1)471DF350
350
470
EE
40 x 45
3.00
6.46
258
168
ALC40(1)471EE350
350
560
DF
35 x 50
2.57
4.44
224
155
ALC40(1)561DF350
350
560
DH
35 x 60
3.11
5.70
224
155
ALC40(1)561DH350
350
560
EF
40 x 50
3.41
7.27
216
141
ALC40(1)561EF350
350
680
EH
40 x 60
3.99
8.39
177
114
ALC40(1)681EH350
350
820
DL
35 x 80
3.82
6.72
150
102
ALC40(1)821DL350
350
1000
EL
40 x 80
5.00
9.98
120
78
ALC40(1)102EL350
350
1500
EP
40 x 105
6.00
11.47
99
68
ALC40(1)152EP350
350
2200
FP
45 x 105
6.79
12.06
77
53
ALC40(1)222FP350
350
2700
KP
50 x 105
7.34
12.08
66
45
ALC40(1)272KP350
400
100
BB
25 x 30
0.85
2.09
1193
788
ALC40(1)101BB400
400
120
BC
25 x 35
1.00
2.45
991
653
ALC40(1)121BC400
400
150
BD
25 x 40
1.17
2.83
794
524
ALC40(1)151BD400
400
150
CB
30 x 30
1.14
2.46
835
562
ALC40(1)151CB400
400
180
CC
30 x 35
1.31
2.88
690
463
ALC40(1)181CC400
400
220
CD
30 x 40
1.54
3.33
565
379
ALC40(1)221CD400
400
220
EB
40 x 30
1.88
4.36
521
320
ALC40(1)221EB400
400
270
DC
35 x 35
1.73
3.23
470
322
ALC40(1)271DC400
400
270
EC
40 x 35
2.21
4.95
430
266
ALC40(1)271EC400
400
330
CF
30 x 50
1.98
4.02
383
258
ALC40(1)331CF400
400
330
DD
35 x 40
1.98
3.64
386
266
ALC40(1)331DD400
400
330
ED
40 x 40
2.56
5.76
350
216
ALC40(1)331ED400
400
390
DF
35 x 50
2.64
4.66
323
221
ALC40(1)391DF400
400
390
EE
40 x 45
2.88
6.48
295
182
ALC40(1)391EE400
400
470
DE
35 x 45
2.50
4.73
300
192
ALC40(1)471DE400
400
470
DF
35 x 50
2.51
4.40
277
192
ALC40(1)471DF400
400
470
DH
35 x 60
3.04
5.78
270
185
ALC40(1)471DH400
400
470
EF
40 x 50
3.28
7.30
245
151
ALC40(1)471EF400
400
560
EG
40 x 55
3.62
7.78
209
130
ALC40(1)561EG400
400
680
DL
35 x 80
3.72
6.69
200
131
ALC40(1)681DL400
400
680
EH
40 x 60
4.08
8.58
173
107
ALC40(1)681EH400
400
1000
EL
40 x 80
4.85
10.16
118
73
ALC40(1)102EL400
400
1200
EP
40 x 105
5.76
11.46
103
70
ALC40(1)122EP400
400
1800
FP
45 x 105
6.48
12.04
82
55
ALC40(1)182FP400
400
2200
KP
50 x 105
7.02
12.08
70
47
ALC40(1)222KP400
450
47
BB
25 x 30
0.66
1.74
2011
1392
ALC40(1)470BB450
450
56
BC
25 x 35
0.76
2.03
1687
1168
ALC40(1)560BC450
450
68
BD
25 x 40
0.88
2.34
1391
963
ALC40(1)680BD450
450
68
CB
30 x 30
0.87
2.19
1403
974
ALC40(1)680CB450
450
82
CC
30 x 35
1.01
2.54
1163
807
ALC40(1)820CC450
450
100
CD
30 x 40
1.18
2.95
955
663
ALC40(1)101CD450
450
120
DC
35 x 35
1.36
3.11
810
565
ALC40(1)121DC450
450
150
CF
30 x 50
1.54
3.67
642
446
ALC40(1)151CF450
450
150
DD
35 x 40
1.57
3.53
651
454
ALC40(1)151DD450
450
150
EB
40 x 30
1.73
4.14
642
447
ALC40(1)151EB450
450
180
DF
35 x 50
1.88
4.27
541
377
ALC40(1)181DF450
450
180
EC
40 x 35
2.01
4.70
538
374
ALC40(1)181EC450
450
220
DF
35 x 50
2.28
4.71
449
315
ALC40(1)221DF450
450
220
ED
40 x 40
2.34
5.47
440
306
ALC40(1)221ED450
450
270
EF
40 x 50
2.80
6.74
356
248
ALC40(1)271EF450
VDC
Rated
Capacitance
Size Code
Case Size
Ripple Current
ESR
Impedance
Part Number
Table 1 – Ratings & Part Number Reference cont'd
(1) Termination code: See Termination Tables for available options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com