Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT2 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # FT2
Description  Telecom/signal relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FT2 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  FT2 Datasheet HTML 1Page - TE Connectivity Ltd FT2 Datasheet HTML 2Page - TE Connectivity Ltd FT2 Datasheet HTML 3Page - TE Connectivity Ltd FT2 Datasheet HTML 4Page - TE Connectivity Ltd FT2 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
01-2016, Rev. 0116
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
AXICOM
Signal Relays
FT2/FU2 Relay (Continued)
Insulation
standard
high dielectric*
Initial dielectric strength
between open contacts
1000Vrms
1500Vrms
between contact and coil
1500Vrms
4000Vrms
between adjacent contacts
1500Vrms
1800Vrms
Initial surge withstand voltage
between open contacts
1500V
2500V
between contact and coil
2500V
5000V
between adjacent contacts
1500V
2500V
Initial insulation resistance
between insulated elements
>109Ω
>109Ω
Capacitance
between open contacts
max. 4pF
between contact and coil
max. 1pF
between adjacent contacts
max. 1pF
Cross talk at 100MHz/900MHz
-30.6dB/-13.7dB
Insertion loss at 100MHz/900MHz
-0.02dB/-0.50dB
Voltage standing wave ratio (VSWR)
at 100MHz/900MHz
1.02 / 1.27
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-55°C to +85°C
Thermal resistance
<125K/W
Category of environmental protection
IEC 61810
RT III - wash tight
Vibration resistance (functional)
10g, 10 to 500Hz
Shock resistance (functional), half sinus 11ms
15g
Shock resistance (destructive), half sinus 0.5ms
500g
Weight
max. 3g
Resistance to soldering heat THT
IEC 60068-2-20
265°C/5s
For all High Dielectric Versions (HDV)
260°C/5s
Moisture sensitive level, JEDEC J-Std-020D
MSL3
related only to SMT and THT-HDV relays
packed in orginal dry-packs
Ultrasonic cleaning
not recommended
Packaging/unit
THT version
tube/50 pcs., box/2000 pcs.
SMT short terminals
reel/500 pcs.,box/2500 pcs.
SMT long terminals
reel/400 pcs.,box/2000 pcs.
Coil Data (continued)
Coil versions, monostable
Coil
Rated
Operate
Limiting
Release
Coil
Rated coil
code
voltage
voltage
voltage
voltage resistance
power
VDC
VDCmin.
VDCmax.
VDCmin.
Ω±10%
mW
High dielectric Australia version, monostable
71
3
2.25
5.50
0.30
30
300
73
5
3.75
9.20
0.50
83
300
76
12
9.00
22.10
1.20
480
300
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Umax upper limit of the operative range of the coil voltage (limiting voltage) when coils are
continuously energized
Uop min lower limit of the operative range of the coil voltage (reliable operate voltage)
Urel min lower limit of the operative range of the coil voltage (reliable release voltage)
108-98004 Rev. F
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 13
Telecom-, Signal and RF Relays
FT2/FU2 Relay
Coil Operating Range
Unom = Nominal coil voltage
Umax. =
Upper limit of the operative range of the
coil voltage (limiting voltage) when coils
are continously energized
Uop. min. =
Lower limit of the operative range of the
coil voltage (reliable operate voltage)
Urel. min. =
Lower limit of the operative range of
the coil voltage (reliable release voltage)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
-60 -50 -40 -30 -20 -10 010203040506070809010
0
11
0
12
0
13
0
14
0
Unom. nominal coil voltage
Uop. min.
Urel. min.
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Ambient Temperature [°C]
200 mW coil
240 mW coil
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
-60-50 -40-30 -20-10 0102030405060708090 100 110 120 130 140
Unom. nominal coil voltage
Uop. min.
Urel. min.
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Ambient Temperature [°C]
300 mW coil
PCB layout
TOP view on component side of PCB
Terminal assignment
TOP view on component side of PCB
THT version
SMT, long terminals
SMT, short terminals
*this relay contains SF6 (Sulfur hexafluoride, CAS number: 2551-62-4) for dielectric strength
enhancement, SF6 is hermetically sealed in relay without leaks to air during normal applica-
tion as recommended per the applicable product specification. It is clarified that the usage
of SF6 in mini signal relay is not prohibited by related regulations. Please contact TE local
sales or field engineer for further information and detailed material declaration.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com