Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRK Datasheet(PDF) 1 Page - TT Electronics.

Part # LRK
Description  Low temperature coefficient
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

LRK Datasheet(HTML) 1 Page - TT Electronics.

  LRK Datasheet HTML 1Page - TT Electronics. LRK Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thick Film Low Resistance
Kelvin Flip Chip
LRK Series
Precision low resistance applications
Flip chip with Kelvin design
Low temperature coefficient
Resistance to 0.003 ohms
Tolerance down to ±1.0%
2 watt power dissipation at 70°C
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Physical Data
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
31
LRK
0
0
1
R
-
3
0
0
R
s
m
h
o
e
g
n
a
r
e
c
n
a
t
s
i
s
e
R
1
±
o
t
%
e
c
n
a
r
e
l
o
T
0
5
1
+
o
t
5
5
-
C
°
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
O
)
0
1
0
.
0
o
t
n
w
o
d
(
0
0
1
±
C
°
/
m
p
p
R
C
T
0
0
.
2
s
t
t
a
w
)
C
°
0
7
t
a
(
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
0
7
C
°
s
t
t
a
w
2
t
a
e
s
i
r
e
r
u
t
a
r
e
p
m
e
T
Dimensions (mm)
A
B
S
C
D
E
6.500±0.380
3.250±0.250
1.778
0.740±0.100
0.508±0.127
0.787±0.178
A
C
B
D
Dimensions (mm)
A
B
C
D
2.54
2.413
1.778
1.27
1
4
3
2
R
Schematic Layout
Recommended Solder Pad Layout
The LRK low range flip chip resistor series offers very low
resistance four terminal (Kelvin) layout for applications
requiring low cost and precision current measurement. The LRK
flip chip utilises patented, non-noble copper based inks which
demonstrate high performance, precision and reliability.
SIDE
A
C
B
D
E
S
1
2
4
3
BOTTOM
OBSOLETE


Similar Part No. - LRK

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
LRK WELWYN-LRK Datasheet
133Kb / 2P
Thick Film Low Resistance Kelvin Flip Chip
logo
Contrinex AG Industrial...
LRK-1120-301 CONTRINEX-LRK-1120-301 Datasheet
111Kb / 2P
Photoelektrischer Naherungsschalter
LRK-1120-302 CONTRINEX-LRK-1120-302 Datasheet
111Kb / 2P
Photoelektrischer N채herungsschalter
LRK-1120-303 CONTRINEX-LRK-1120-303 Datasheet
111Kb / 2P
Photoelektrischer N채herungsschalter
LRK-1180-301 CONTRINEX-LRK-1180-301 Datasheet
112Kb / 2P
Photoelektrischer N채herungsschalter
More results

Similar Description - LRK

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0332C1E6R2DA01 MURATA-GRM0332C1E6R2DA01 Datasheet
43Kb / 1P
Temperature coefficient
GRM0332C1E6R2WA01 MURATA-GRM0332C1E6R2WA01 Datasheet
49Kb / 1P
Temperature coefficient
GRM0332C1E6R3BA01 MURATA-GRM0332C1E6R3BA01 Datasheet
49Kb / 1P
Temperature coefficient
GRM0332C1E6R4WA01 MURATA-GRM0332C1E6R4WA01 Datasheet
49Kb / 1P
Temperature coefficient
GRM0332C1E6R5CA01 MURATA-GRM0332C1E6R5CA01 Datasheet
49Kb / 1P
Temperature coefficient
GRM0332C1E6R5DA01 MURATA-GRM0332C1E6R5DA01 Datasheet
49Kb / 1P
Temperature coefficient
GRM0332C1E6R5WA01 MURATA-GRM0332C1E6R5WA01 Datasheet
49Kb / 1P
Temperature coefficient
GRM0332C1E6R6CA01 MURATA-GRM0332C1E6R6CA01 Datasheet
49Kb / 1P
Temperature coefficient
GRM0332C1E6R6DA01 MURATA-GRM0332C1E6R6DA01 Datasheet
49Kb / 1P
Temperature coefficient
GRM0332C1E6R8BA01 MURATA-GRM0332C1E6R8BA01 Datasheet
49Kb / 1P
Temperature coefficient
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com