Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIL-CHIP Datasheet(PDF) 1 Page - TT Electronics.

Part # MIL-CHIP
Description  Four industry standard sizes available
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MIL-CHIP Datasheet(HTML) 1 Page - TT Electronics.

  MIL-CHIP Datasheet HTML 1Page - TT Electronics. MIL-CHIP Datasheet HTML 2Page - TT Electronics. MIL-CHIP Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Precision Military and Space
Qualified Chip Resistors
MIL-CHIP Series
Now qualified to MIL-PRF-55342 Space Level T
Four industry standard sizes available
MIL-PRF-55342 Characteristics E, H, K, and M
MIL-PRF-55342 extended reliability levels C, M, P, R, S and T
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
MIL-CHIP Series Issue March 2011 Sheet 1 of 3
MIL-CHIP Series
Now qualified to MIL-PRF-55342 Space Level T
Seven industry standard sizes available
MIL-PRF-55342 Characteristics E, H, K, and M
MIL-PRF-55342 extended reliability levels C, M, P, R, S and T
Precision Military and Space
Qualified Chip Resistors
MIL-PRF-55342 Qualified Product Listing (QPL)
Style
Size
Technology
MIL-PRF-55342
Characteristic
Tolerance
Resistance
Range
(Ω)
Rated
Voltage*
(V)
Rated
Power
(mW)
Reliability
Level
Termination
Type
Style 11
RM0402
Thin Film
PFC Series
(TaNFilm®)
E, H, K, M
±0.1%
100R - 30K
30
50
C, M, P,
R, S
Type `B´
Sn/Pb solder
over nickel
barrier
±1%
49R9 - 29K
±2%, ±5%
51R0 - 30K
±10%
51R0 - 27K
Style 12
RM0603
Thin Film
PFC Series
(TaNFilm®)
E, H, K, M
±0.1%, ±1%
10R0 - 59K
50
100
C, M, P,
R, S, T
±2%, ±5%, ±10%
10R0- 56K
Style 06
RM0705
Thin Film
PFC Series
(TaNFilm®)
E, H, K, M
±0.1%
10R0 - 125K
50
150
C, M, P,
R, S, T
±1%
10R0- 124K
±2%, ±5%, ±10%
10R0- 120K
Style 07
RM1206
Thin Film
PFC Series
(TaNFilm®)
E, H, K, M
±0.1%
100R - 500K
100
250
C, M, P,
R, S, T
±1%
10R0- 499K
±2%, ±5%, ±10%
10R0- 470K
*Note: Voltage shall not exceed √P X R
.
Resistors
Make Possible
02.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - MIL-CHIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MIL-C-10544 ETC-MIL-C-10544 Datasheet
32Kb / 1P
Military Audio Connectors
MIL-C-106-614 ETC-MIL-C-106-614 Datasheet
733Kb / 6P
Mil-Spec Connectors & Accessories
2001
MIL-C-106-615 ETC-MIL-C-106-615 Datasheet
733Kb / 6P
Mil-Spec Connectors & Accessories
2001
MIL-C-106-616 ETC-MIL-C-106-616 Datasheet
733Kb / 6P
Mil-Spec Connectors & Accessories
2001
MIL-C-106-617 ETC-MIL-C-106-617 Datasheet
733Kb / 6P
Mil-Spec Connectors & Accessories
2001
More results

Similar Description - MIL-CHIP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
008289010006113 AVX-008289010006113 Datasheet
54Kb / 2P
Available in industry standard sizes of 10-64 positions
008290010000011 AVX-008290010000011 Datasheet
48Kb / 2P
Available in industry standard sizes of 10-64 positions
008290016000011 AVX-008290016000011 Datasheet
48Kb / 2P
vailable in industry standard sizes of 10-64 positions
008290034001011 AVX-008290034001011 Datasheet
48Kb / 2P
Available in industry standard sizes of 10-64 positions
logo
Advanced Crystal Techno...
ACT_HC49_U_STANDARD ACT-ACT_HC49_U_STANDARD Datasheet
501Kb / 4P
family is available in industry standard package and specifications
20-11-2012
ACT_UM5_SMD_GULL_WING ACT-ACT_UM5_SMD_GULL_WING Datasheet
305Kb / 2P
available in industry standard package & specifications
29/06/11
logo
Vishay Siliconix
NTHS0805N06N2001JE VISHAY-NTHS0805N06N2001JE Datasheet
95Kb / 4P
Extended resistance values available in standard sizes
25-Jan-12
logo
Ohmite Mfg. Co.
RES-FC4L OHMITE-RES-FC4L Datasheet
547Kb / 2P
Industry standard sizes
RES-LVK OHMITE-RES-LVK Datasheet
422Kb / 3P
Industry standard sizes
logo
TT Electronics.
PFC-HT TTELEC-PFC-HT Datasheet
668Kb / 2P
Available in industry standard 0603
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com