Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OARS Datasheet(PDF) 3 Page - TT Electronics.

Part # OARS
Description  Open-air design reduces PCB heating
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OARS Datasheet(HTML) 3 Page - TT Electronics.

  OARS Datasheet HTML 1Page - TT Electronics. OARS Datasheet HTML 2Page - TT Electronics. OARS Datasheet HTML 3Page - TT Electronics. OARS Datasheet HTML 4Page - TT Electronics. OARS Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Thermal Performance Examples
These thermal images were taken under ambient conditions of still air at 25°C with the components
mounted on horizontal standard test boards as defined below.
JEDEC standard circuit board:
2” (50.8mm) square FR4
2 outer power planes, 2 ounce (70μ) Cu
1” (25.4mm) square exposed
2 inner signal planes, 1 ounce (35μ) Cu
(continuous planes)
In contrast to the flat chip format, the OARS format keeps the hot spot thermally distant from the
solder j oints and reduces undesirable heat delivery into the PCB. Further thermal images for other
ohmic values and power dissipations are available on request.
Kelvin (4 Terminal) Mounting
For high precision applications a Kelvin (4
Terminal) mounting method is
recommended. An example to illustrate the
design principle is shown. High current
connections are made to the two pairs of
larger pads, whilst the voltage sense
connections are made to the two smaller
central pads.
OARS1-R005 at 2W
OARSXP-R0025 at 5W
Make Possible
Surface Mount
Sense Resistors
OARS, OARS-XP, OARSZ Series
11.15
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com