Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4540 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4540
Description  AC ??7 Codec with National 3D Sound
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4540 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4540 Datasheet HTML 3Page - National Semiconductor (TI) LM4540 Datasheet HTML 4Page - National Semiconductor (TI) LM4540 Datasheet HTML 5Page - National Semiconductor (TI) LM4540 Datasheet HTML 6Page - National Semiconductor (TI) LM4540 Datasheet HTML 7Page - National Semiconductor (TI) LM4540 Datasheet HTML 8Page - National Semiconductor (TI) LM4540 Datasheet HTML 9Page - National Semiconductor (TI) LM4540 Datasheet HTML 10Page - National Semiconductor (TI) LM4540 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Connection Diagram
Pin Description
Analog I/O
Name
Pin
I / O
Functional Description
PC_BEEP
12
I
This is a mono input which gets summed into the stereo line output after the National 3D
Sound block. The PC_BEEP level can be adjusted from 0dB to −45dB in 3dB steps, or
muted, via register 0Ah.
PHONE
13
I
This is a mono input which gets summed into the stereo line output after the National 3D
Sound block. The PHONE level can be adjusted from +12dB to −34.5dB in 1.5dB steps as
well as muted via register 0Ch.
CD_L
18
I
This line level input can be routed through the Input Mux and recorded by the left ADC. In
addition, this analog input gets summed into the left output stream. The amount of CD_L
signal mixed in the left output stream can be adjusted from +12dB to −34.5dB in 1.5dB steps
as well as muted via register 12h.
CD_GND
19
I
This input can be used to reject common mode signals on the CD_L or CD_R inputs.
CD_GND is an AC ground point not a DC ground point. This input must be AC-coupled to
the CD input signal’s ground.
DS100906-2
Top View
Order Number LM4540VH
See NS Package Number VBH48A
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com