Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD690 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SD690
Description  isc Silicon NPN Power Transistor DESCRIPTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD690 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SD690 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD690 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
2SD690
DESCRIPTION
·
Collector Current: IC= 7A
·
Collector-Emitter BreakdownVoltage-
: V(BR)CEO= 70V(Min.)
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for TV horizontal deflection applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
70
V
VCEO
Collector-Emitter Voltage
70
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
7
A
ICM
Collector Current-Peak
10
A
PC
Total Power Dissipation
@ TC=25℃
40
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150


Similar Part No. - 2SD690

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD691 PANASONIC-2SD691 Datasheet
212Kb / 5P
Si NPN DIFFUSED JUNCTION MESA
2SD692 PANASONIC-2SD692 Datasheet
212Kb / 5P
Si NPN DIFFUSED JUNCTION MESA
logo
Inchange Semiconductor ...
2SD692 ISC-2SD692 Datasheet
162Kb / 2P
isc Silicon NPN Darlingtion Power Transistor
2SD693 ISC-2SD693 Datasheet
266Kb / 2P
isc Silicon NPN Power Transistor
logo
Toshiba Semiconductor
2SD697A TOSHIBA-2SD697A Datasheet
102Kb / 3P
SILICON NPN TRIPLE DIFFUSED MEGA TYPE
More results

Similar Description - 2SD690

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1409 WINGS-2SD1409 Datasheet
71Kb / 1P
SILICON NPN DARLINGTON TRANSISTOR(GENERAL DESCRIPTION)
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
logo
Central Semiconductor C...
BCX70 CENTRAL-BCX70 Datasheet
329Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR DESCRIPTION:
CTLT8099-M322S CENTRAL-CTLT8099-M322S Datasheet
481Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR DESCRIPTION:
logo
Inchange Semiconductor ...
2SD1923 ISC-2SD1923 Datasheet
274Kb / 2P
isc Silicon NPN Darlington Power Transistor DESCRIPTION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com