Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLO Datasheet(PDF) 1 Page - TT Electronics.

Part # PLO
Description  3 watts to 15 watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PLO Datasheet(HTML) 1 Page - TT Electronics.

  PLO Datasheet HTML 1Page - TT Electronics. PLO Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Extremely Low Resistance
Power Wirewounds
PLO Series
3wattsto15watts
0.005ohmto0.18ohm
±1%,±2,±3,±5,±10%tolerance
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
PLO Series
IRC
Type
Power @ 25°C
(watts)
Resistance Range
(ohms)
PLO-3
PLO-5
PLO-7
PLO-10
PLO-15
Dimensions (Inches (mm))
IRC
Type
L
±.063 (1.6)
W
±.03 (.8)
H
±.03 (.8)
D - Diameter
±.002 (.05)
E
±.03 (.8)
PLO-3
PLO-5
PLO-7
PLO-10
PLO-15
L
D
.75
”
Min.
0.125
”
Max.
W
H
Type
PLO
E
Type
PLO-XA
NOTE:
All welded
terminations
Fireproof high temperature
ceramic case
PLO Series Issue November 2008 Sheet 1 of 2
Physical Data
TCR ±30 to +500ppm/°C
(1.0)
(1.0)
(1.0)
(1.0)
(1.0)
Resistors
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
AllPb-freepartscomplywithEUDirective2011/65/EU(RoHS2)


Similar Part No. - PLO

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PLO WELWYN-PLO Datasheet
189Kb / 1P
Low Resistance Power Wirewounds
logo
TT Electronics.
PLO TTELEC-PLO Datasheet
497Kb / 2P
Extremely Low Resistance Power Wirewounds
06.18
logo
Welwyn Components Limit...
PLO-10 WELWYN-PLO-10 Datasheet
189Kb / 1P
Low Resistance Power Wirewounds
PLO-15 WELWYN-PLO-15 Datasheet
189Kb / 1P
Low Resistance Power Wirewounds
PLO-3 WELWYN-PLO-3 Datasheet
189Kb / 1P
Low Resistance Power Wirewounds
More results

Similar Description - PLO

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA10C ASTEC-AA10C Datasheet
1Mb / 2P
10/15 Watts
AEE04F18 ASTEC-AEE04F18 Datasheet
107Kb / 2P
15 Watts
AK40A ASTEC-AK40A Datasheet
125Kb / 2P
15 Watts
AK42A-024L-033D025SM ASTEC-AK42A-024L-033D025SM Datasheet
1Mb / 2P
15 Watts
logo
XP Power Limited
JCM2024S3V3 XPPOWER-JCM2024S3V3 Datasheet
119Kb / 2P
15/20 Watts
logo
Artesyn Technologies
LDO03C-005W05-VJ ARTESYN-LDO03C-005W05-VJ_14 Datasheet
786Kb / 4P
POWER 15 Watts
AEE04F18-LS ARTESYN-AEE04F18-LS Datasheet
659Kb / 3P
POWER 15 Watts
logo
XP Power Limited
JTH15 XPPOWER-JTH15 Datasheet
120Kb / 2P
15 Watts JTH Series
logo
TT Electronics.
4LPW TTELEC-4LPW Datasheet
282Kb / 2P
3 watts to 15 watts
LPW TTELEC-LPW Datasheet
155Kb / 2P
3 watts to 15 watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com