Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE856M13 Datasheet(PDF) 2 Page - NEC

Part # NE856M13
Description  NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE856M13 Datasheet(HTML) 2 Page - NEC

  NE856M13 Datasheet HTML 1Page - NEC NE856M13 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. With device mounted on 1.08 cm2 X 1.2 mm glass epoxy board.
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCBO
Collector to Base Voltage
V
20
VCEO
Collector to Emitter Voltage
V
12
VEBO
Emitter to Base Voltage
V
3
IC
Collector Current
mA
100
PT2
Total Power Dissipation
mW
140
TJ
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to +150
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
2/09/2000
DATA SUBJECT TO CHANGE WITHOUT NOTICE
NE856M13
Collector Current, IC (mA)
FORWARD CURRENT GAIN vs.
COLLECTOR CURRENT
TYPICAL PERFORMANCE CURVES (TA = 25°C)
VCE = 10 V
1
2
3
5
7
10
20
30
50
500
300
200
100
70
50
30
20
10
Collector to Emitter Voltage, VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
100
20
40
60
80
0
24
8
10
12
6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com