Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLR Datasheet(PDF) 1 Page - TT Electronics.

Part # RLR
Description  4.3 ohms to 3.01M ohms
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

RLR Datasheet(HTML) 1 Page - TT Electronics.

  RLR Datasheet HTML 1Page - TT Electronics. RLR Datasheet HTML 2Page - TT Electronics. RLR Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Established Reliability Mil-Qualified
Metal Glaze™ Resistor
RLR Series
1/2watt
TCR of ±100 ppm/°C
1% and 2% tolerance
4.3 ohms to 3.01M ohms
MIL-R-39017 approved to “S” level
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
RLR Series
• 1/8 watt to 1/2 watt
• TCR of ±100 ppm/°C
• 1% and 2% tolerance
• 4.3 ohms to 3.01M ohms
• MIL-R-39017 approved to "S" level
Established Reliability
Mil-Qualified
Metal Glaze™ Resistor
Electrical Data
MIL
Type
Marking
Tolerance
(±%)
T.C.
(ppm/°C)
Power Rating
(watts)
Resistance
Range
(ohms)
Nominal
Size
Max Voltage
Rating
RLR20/S
Stamp
1, 2
100
1/2 @ 70°C
4.3 to 3.01M
1/2W
350
Test Conditions
MIL-R-22684 Test
Limits Allowed
Max.
%∆R (±3σ)
Temperature Coefficient (ppm/°C)
±100
±100
Low Temperature Operation
±0.25%
±0.05%
Thermal Shock
±0.25%
±0.15%
Moisture Resistance
±1.00%
±0.50%
Short Time Overload
±0.50%
±0.15%
Load Life (70°C, Rated Power) 1000 hour
±4.00%
±0.50%
Terminal Strength
±0.25%
±0.05%
Effect of Soldering
±0.25%
±0.10%
Shock
±0.50%
±0.05%
Vibration
±0.50%
±0.05%
High Temperature Exposure (150°C No Load)
±2.00%
±0.50%
Environmental Data
Dielectric Strength
±0.25%
±0.05%
ESTABLISHED RELIABILITY MIL SPECIFICATIONS: RLR products listed above are qualified to the appropriate established reliability MIL Specification. In general, Metal Glaze units such as
these are specified for all RLR requirements.
Tough molded jacket
Metal Glaze thick film element
fired at 1000°C to solid
ceramic core
Tin-lead electroplated copper leads
Spiraled or laser
helixed to
resistance value,
tolerance
High temperature
soldered termination-lead
assembly
Digital marking per
MIL-R-39017
RLR Series Issue November 2008 Sheet 1 of 3
Tough molded jacket
Metal Glaze thick film element
fired at 1000˚C to solid
ceramic core
Tin-lead electroplated copper leads
Spiraled or laser
helixed to
resistance value,
tolerance
High temperature
soldered termination-lead
assembly
Digital marking per
MIL-R-39017
Resistors
Make Possible
10.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
AllPb-freepartscomplywithEUDirective2011/65/EU(RoHS2)
OBSOLETE


Similar Part No. - RLR

ManufacturerPart #DatasheetDescription
logo
PATLITE CORPORATION.
RLR-04 PATLITE-RLR-04 Datasheet
464Kb / 2P
LED 162mm Rotating
Rev. G
RLR-04-B PATLITE-RLR-04-B Datasheet
464Kb / 2P
LED 162mm Rotating
Rev. G
RLR-04-G PATLITE-RLR-04-G Datasheet
464Kb / 2P
LED 162mm Rotating
Rev. G
RLR-04-P-B PATLITE-RLR-04-P-B Datasheet
464Kb / 2P
LED 162mm Rotating
Rev. G
RLR-04-P-G PATLITE-RLR-04-P-G Datasheet
464Kb / 2P
LED 162mm Rotating
Rev. G
More results

Similar Description - RLR

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0734200210 MOLEX11-0734200210 Datasheet
52Kb / 1P
50 Ohms, SMP-MAX Female to 50 Ohms, SMP-MAX Male Bullet,
logo
TT Electronics.
LAS TTELEC-LAS Datasheet
348Kb / 3P
0.1 ohm to 18K ohms
PPW TTELEC-PPW Datasheet
280Kb / 2P
resistance to or1 ohms to 5k ohms
logo
Molex Electronics Ltd.
0731626090 MOLEX-0731626090 Datasheet
57Kb / 1P
50 Ohms, 4.3-10 Jack, Straight, Push Fit, Tray
0731626120 MOLEX-0731626120 Datasheet
54Kb / 1P
50 Ohms, 4.3-10 Plug, Straight, Push Fit, Tray
0732359080 MOLEX-0732359080 Datasheet
36Kb / 1P
4.3-10 Straight Plug-to-4.3-10 Straight Plug with Boot and Overmold, 1/2" Flexible Coaxial Cable, 1.83m Length, 50 Ohms
08/27/2022
0732359081 MOLEX-0732359081 Datasheet
36Kb / 1P
4.3-10 Straight Plug-to-4.3-10 Straight Plug with Boot and Overmold, 1/2" Flexible Coaxial Cable, 2.44m Length, 50 Ohms
08/27/2022
0732359083 MOLEX-0732359083 Datasheet
36Kb / 1P
4.3-10 Straight Plug-to-4.3-10 Straight Plug with Boot and Overmold, 1/2" Flexible Coaxial Cable, 4.57m Length, 50 Ohms
08/27/2022
0732359085 MOLEX-0732359085 Datasheet
36Kb / 1P
4.3-10 Straight Plug-to-4.3-10 Straight Plug with Boot and Overmold, 1/2" Flexible Coaxial Cable, 7.62m Length, 50 Ohms
08/26/2022
0732359086 MOLEX-0732359086 Datasheet
36Kb / 1P
4.3-10 Straight Plug-to-4.3-10 Straight Plug with Boot and Overmold, 1/2" Flexible Coaxial Cable, 9.14m Length, 50 Ohms
08/27/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com