Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC Datasheet(PDF) 3 Page - TT Electronics.

Part # SMC
Description  Lead free, RoHS compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SMC Datasheet(HTML) 3 Page - TT Electronics.

  SMC Datasheet HTML 1Page - TT Electronics. SMC Datasheet HTML 2Page - TT Electronics. SMC Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Cylindrical Surface Mount
Metal Glaze™ Compliant-Terminal Resistors
SMC Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
100
120
80
60
40
20
0
25
35
45
55
65
75
85
95 105 115 125 135 145
Ambient Temperature (°C)
SMC-1
SMC-2
Power Derating Curve
Surge Capabilities
Cylindrical Surface Mount
Metal Glaze™ Compliant
Terminal Resistors
Industry
Footprint
Reel
Diameter*
Quantity
Per Reel
Carrier Tape
Width
Component
Pitch
SMC-1
2512
7″
750
12mm
4mm
13"
2,500
SMC-2
3610
13″
2,000
24mm
4mm
*The 13″ reel is considered standard and will be supplied unless otherwise specified.
Standard Reel Packaging per EIA-481:
Sample Part No.
IRC Type
(SMC1 or SMC2)
Temperature Coefficient
(100 or 200 ppm)
Resistance Value
(First three significant figures plus fourth digit multiplier)
Example: 2203 = 220 KΩ
51R0 = 51 Ω
2R00 = 2.0 Ω
Tolerance
F = ±1.0%, G = ±2.0%, J = ±5.0%
LF
Provides clear "Lead Free" Designation
Specification Number (Optional)
Custom design identifier for non-standard products
Packaging Code
(7 = 7" Reel, 13 = 13" Reel)
Ordering Data
SMC1
100
2003
F
LF
13
XXX
SMC SERIES SURGE CAPABILITY
for Non-repetitive or Low Repetition Rate Surges
Surge or Pulse Duration (Seconds)
1
10
100
1,000
10,000
100,000
1,000,000
1.0E-9
1.0E-06
1.0E-03
1.0E-00
SMC-1
SMC-2
SMC SERIES SURGE CAPABILITY
for Repetitive Surges
Surge or Pulse Duration (Seconds)
1
10
100
1,000
10,000
100,000
1,000,000
1.0E-4
1.0E-03
1.0E-02
1.0E-01
1.0E+00
SMC-2
SMC-1
SMC Series Issue March 2010 Sheet 3 of 3
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com