Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IACM Datasheet(PDF) 1 Page - Tyco Electronics

Part # IACM
Description  Slim Line Input/Output Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IACM Datasheet(HTML) 1 Page - Tyco Electronics

  IACM Datasheet HTML 1Page - Tyco Electronics IACM Datasheet HTML 2Page - Tyco Electronics IACM Datasheet HTML 3Page - Tyco Electronics IACM Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1118
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
IACM/OACM
IDCM/ODCM
Slim Line
Input/Output Modules
File E81606 & E29244
File LR38595M77
Engineering Data (all I/O modules)
Switch Form: 1 Form A (SPST-NO)
Duty: Continuous.
Capacitance: 8 pF Typical (input to output).
Operating Temperature: –30°C to +80°C.
Storage Temperature: –40°C to +85°C.
Potting Compound Flammability: UL94V-0.
Solderability: 260°C for 5 seconds, maximum.
Approximate Weight: .87 oz. (22.1g).
IACM-5
IACM-5A
IDCM-5
OACM-5
OACM-5H
OACM-U
OACM-UH
ODCM-5
Ordering Information
* * Is not polarity sensitive.
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
Features
• Slim line .4” (10.16mm) thick package.
• Foot print same as .6” (15.24mm) thick package.
• 4,000V rms optical isolation.
• Color coded by function.
• High immunity to false operation.
• Series compatible.
• Output modules can be controlled from sinking or sourcing logic.
• Compatible with 2IOM series mounting boards.
Typical Part Number
B
OACM
–5
H
1. Basic Series:
IACM = Slim line AC input module — yellow case
IDCM = Slim line DC input module — white case
OACM = Slim line AC output module — black case
ODCM = Slim line DC output module — red case
2. Input or Logic Voltage:
5 = 5VDC
15 = 15VDC
24 = 24VDC
U = OACM & ODCM Types 3-15VDC input voltage
3. Options:
Blank = IACM Type — 120VAC/VDC input (90-140VAC/VDC) * *<None>
IDCM Type — 3.3-32VDC input * *
OACM Type — 3A, 24-280VAC, zero voltage turn-on output
ODCM Type — 3A, 3-60VDC output
A
= IACM Type — 240VAC/VDC input (180-280VAC/VDC) * *
IDCM Type — 10-60VDC input * *
OACM Type — 3A, 24-280VAC
ODCM Type — 1A, 5-250VDC output
E
= IACM Type — 18-36VAC/VDC input * *
F
= IDCM Type — 4-32VDC input & fast turn-on & turn-off times * *
H
= OACM Type — 5A, 24-280VAC, zero voltage turn-on output
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


Similar Part No. - IACM

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
IACM TEC-IACM Datasheet
214Kb / 2P
Slim Line AC Input Module
logo
Tyco Electronics
IACM-15 MACOM-IACM-15 Datasheet
274Kb / 4P
IACM/OACM IDCM/ODCM Slim Line Input/Output Modules
IACM-15A MACOM-IACM-15A Datasheet
274Kb / 4P
IACM/OACM IDCM/ODCM Slim Line Input/Output Modules
IACM-15E MACOM-IACM-15E Datasheet
274Kb / 4P
IACM/OACM IDCM/ODCM Slim Line Input/Output Modules
IACM-15F MACOM-IACM-15F Datasheet
274Kb / 4P
IACM/OACM IDCM/ODCM Slim Line Input/Output Modules
More results

Similar Description - IACM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8481 ETC-8481 Datasheet
151Kb / 1P
Input/Output Modules
logo
Tyco Electronics
OACM-5H MACOM-OACM-5H Datasheet
274Kb / 4P
IACM/OACM IDCM/ODCM Slim Line Input/Output Modules
2-1393028-0 MACOM-2-1393028-0 Datasheet
274Kb / 4P
Slim Line Input/Output Modules
2-1393028-1 MACOM-2-1393028-1 Datasheet
274Kb / 4P
Slim Line Input/Output Modules
2-1393028-4 MACOM-2-1393028-4 Datasheet
77Kb / 4P
Input/Output Modules
2-1393028-6 MACOM-2-1393028-6 Datasheet
77Kb / 4P
Input/Output Modules
2-1393028-8 MACOM-2-1393028-8 Datasheet
77Kb / 4P
Input/Output Modules
2IOM MACOM-2IOM Datasheet
258Kb / 5P
Space Saving Mounting Boards for Slim Line Input/Output Modules
logo
TE Connectivity Ltd
2IOM TEC-2IOM Datasheet
258Kb / 5P
Space Saving Mounting Boards for Slim Line Input/Output Modules
IACM TEC-IACM Datasheet
214Kb / 2P
Slim Line AC Input Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com