Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBL403 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PBL403
Description  4.0A BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PBL403 Datasheet(HTML) 1 Page - Diodes Incorporated

  PBL403 Datasheet HTML 1Page - Diodes Incorporated PBL403 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS21305 Rev. E-3
1 of 2
PBL401-PBL407
PBL401 - PBL407
4.0A BRIDGE RECTIFIER
Features
·
Case: Molded Plastic
·
Terminals: Plated Leads, Solderable per
MIL-STD-202, Method 208
·
Polarity: Symbols Marked on Case
·
Approx. Weight: 5.6 grams
·
Marking: Type Number
Mechanical Data
·
High Case Dielectric Strength of 1500V
·
Low Forward Voltage Drop, High Current
Capability
·
Surge Overload Rating to 150A Peak
·
Ideal for Printed Circuit Board Application
·
Plastic Material - UL Flammability
Classification 94V-0
·
UL Listed Under Recognized Component Index,
File Number E95060
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
-
+
A
B
C
E
G
H
D
PBL
Dim
Min
Max
A
18.50
19.50
B
15.40
16.40
C
19.00
—
D
6.20
6.50
E
4.60
5.60
G
1.50
2.00
H
1.30 Typical
All Dimensions in mm
Characteristic
Symbol
PBL
401
PBL
402
PBL
403
PBL
404
PBL
405
PBL
406
PBL
407
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TC= 75°C
IO
4.0
A
Non-Repetitive Peak Forward Surge Current, 8.3 ms single
half-sine-wave superimposed on rated load
(JEDEC method)
IFSM
150
A
Forward Voltage per element
@ IF = 3.0A
VFM
1.1
V
Peak Reverse Current
@TC = 25°C
at Rated DC Blocking Voltage
@ TC = 100°C
IR
10
1.0
µA
mA
I2t Rating for Fusing (t < 8.3ms) (Note 2)
I2t
166
A2s
Typical Thermal Resistance, Junction to Case (Note 1)
RqJC
19
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +125
°C
Notes:
1. Thermal resistance rom junction to case per element mounted on PC board with 13 x 13 x 0.03mm land areas.
2. Non-repetitive for t > 1ms and < 8.3ms.
NOT RECOMMENDED FOR NEW DESIGN
USE GBU4005 - GBU410


Similar Part No. - PBL403

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
PBL403 CTC-PBL403 Datasheet
48Kb / 2P
SILICON BRIDGE RECTIFIERS
PBL403 CTC-PBL403 Datasheet
132Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Ericsson
PBL40305 ERICSSON-PBL40305 Datasheet
97Kb / 7P
Multiband GSM Power Amplifier
PBL40307 ERICSSON-PBL40307 Datasheet
225Kb / 4P
GSM Dual Band Tx_VCO
PBL40309 ERICSSON-PBL40309 Datasheet
84Kb / 6P
3.6 V Differential Power Amplifier for DECT Telecommunications system
More results

Similar Description - PBL403

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ4A WTE-KBJ4A Datasheet
50Kb / 3P
4.0A BRIDGE RECTIFIER
KBL400 WTE-KBL400 Datasheet
33Kb / 3P
4.0A BRIDGE RECTIFIER
KBU400 WTE-KBU400 Datasheet
42Kb / 3P
4.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
RS401L DIODES-RS401L Datasheet
62Kb / 2P
4.0A BRIDGE RECTIFIER
DS21315 Rev. D-3
logo
Zibo Seno Electronic En...
GBP4005 ZSELEC-GBP4005 Datasheet
58Kb / 2P
4.0A BRIDGE RECTIFIER
UG4KB05 ZSELEC-UG4KB05 Datasheet
118Kb / 2P
4.0A BRIDGE RECTIFIER
UR4KB05 ZSELEC-UR4KB05 Datasheet
118Kb / 2P
4.0A BRIDGE RECTIFIER
D4KB05 ZSELEC-D4KB05 Datasheet
117Kb / 2P
4.0A BRIDGE RECTIFIER
D4KB05 ZSELEC-D4KB05_V01 Datasheet
104Kb / 2P
4.0A BRIDGE RECTIFIER
GBP401 ZSELEC-GBP401_V01 Datasheet
85Kb / 2P
4.0A BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com