Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V700 Datasheet(PDF) 1 Page - TT Electronics.

Part # V700
Description  Stability for harsh environments
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

V700 Datasheet(HTML) 1 Page - TT Electronics.

  V700 Datasheet HTML 1Page - TT Electronics. V700 Datasheet HTML 2Page - TT Electronics. V700 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Vitreous Enamelled
Wirewound Resistors
V700 (RB Style) Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
09. 11
· Stability for harsh environments
· Overload characteristics ideal for protection circuits
· High stability and reliability
· High power dissipation for size
· Impervious lead free vitreous enamel coating
Vitreous Enamelled
Wirewound Resistors
V700 (RB Style) Series
Stability for harsh environments
Overload characteristics ideal for
protection circuits
High stability and reliability
High power dissipation for size
Impervious lead free vitreous enamel coating
Standard values
E24 preferred. Other values to special order
Thermal impedance
°C/watt
44
32
88
36
58
Ambient temperature range
°C
-55 to 200
Maximum Dimensions (mm) and Weight (g)
Type
L max
D max
f min
d max
Wt. Nom
V757 (RB57)
22.2
8
30
0.88
2
V758 (RB58)
47
11
30
0.88
9
V759 (RB59)
12.7
5.6
30
0.88
1
V760 (RB60)
36
10.0
30
0.88
4
V761 (RB61)
23
7.0
30
0.88
2
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
87
V757
V758
V759
V760
V761
(RB57)
(RB58)
(RB59)
(RB60)
(RB61)
Power rating at 25°C
watts
7
11.0
3.0
8.0
5.0
Resistance range
ohms
0R1 to 20K
0R2 to 82K
0R1 to 10K
0R1 to 56K
0R1 to 15K
Limiting element voltage
volts
200
400
100
250
160
TCR
ppm/°C
Typically: +75
Maximum +120
Resistance tolerance
%
5
Closer tolerances to special order
Electrical Data
Physical Data
03. 08
A subsidiary of
TT electronics plc
Welwyn Components
L
D
f
d
Construction
A high purity ceramic substrate is assembled with force fit
end caps to which are welded the termination wires.
The resistive element is wound on the substrate and welded to
the caps; the vitreous enamel protective coating is then applied.
OBSOLETE
(RB58 & RB60 ONLY)


Similar Part No. - V700

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
V700 WELWYN-V700 Datasheet
141Kb / 2P
Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
V700 ETC2-V700 Datasheet
290Kb / 8P
One-Piece Surface Steel Raceway
logo
Omron Electronics LLC
V700 OMRON-V700 Datasheet
547Kb / 14P
A High-functionality High-performance RFID System That Revolutionizes Product and Distribution Management in the Production Environment
V700-A40 OMRON-V700-A40 Datasheet
547Kb / 10P
A High-functionality High-performance RFID System That Revolutionizes Product and Distribution Management in the Production Environment
V700-A40 OMRON-V700-A40 Datasheet
547Kb / 14P
A High-functionality High-performance RFID System That Revolutionizes Product and Distribution Management in the Production Environment
More results

Similar Description - V700

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
ASD-FILTREX-F GAMEWELL-FCI-ASD-FILTREX-F Datasheet
121Kb / 2P
Analog PE Smoke Sensor for Harsh Environments
logo
Glenair, Inc.
802-019-AA2Z15-3PA GLENAIR-802-019-AA2Z15-3PA Datasheet
144Kb / 2P
Cordsets For Harsh Environments
803-008-AA2M5-3 GLENAIR-803-008-AA2M5-3 Datasheet
166Kb / 2P
Cordsets For Harsh Environments
804-014-AA2M5-3P GLENAIR-804-014-AA2M5-3P Datasheet
112Kb / 2P
Cordsets For Harsh Environments
805-008-AA2C8-4PA GLENAIR-805-008-AA2C8-4PA Datasheet
124Kb / 2P
Cordsets For Harsh Environments
logo
List of Unclassifed Man...
IPC3SAD ETC2-IPC3SAD Datasheet
457Kb / 6P
Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
IAR35F1100 ETC2-IAR35F1100 Datasheet
201Kb / 2P
Low profile pushbutton switches for harsh environments
logo
Tripp Lite. All Rights ...
SR12UBFFD TRIPPLITE-SR12UBFFD Datasheet
547Kb / 3P
12U SmartRack Rack Enclosure Cabinet for Harsh Environments
logo
C&K Components
PNP CK-COMPONENTS-PNP Datasheet
432Kb / 5P
IP68 sealed to endure harsh environments
logo
Golledge Electronics Lt...
VCXO2EV GOLLEDGE-VCXO2EV Datasheet
546Kb / 4P
CMOS VCXO for Harsh Environments
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com