Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WBA Datasheet(PDF) 1 Page - TT Electronics.

Part # WBA
Description  High resistor density
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WBA Datasheet(HTML) 1 Page - TT Electronics.

  WBA Datasheet HTML 1Page - TT Electronics. WBA Datasheet HTML 2Page - TT Electronics. WBA Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wire Bondable
Ceramic Resistors
WBA Series
High resistor density
Lower stray capacitance
Proven TaNFilm® on ceramic technology
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire Bondable
Ceramic Resistors
WBA Series
• High resistor density
• Lower stray capacitance
• Proven TaNFilm® on ceramic technology
0.004˝ min
Bond Pads
Physical Data
T0303 - Tapped network
IRC’s WBA series wire bondable ceramic resistors are ideally suited for
your most demanding hybrid application. IRC’s TaNFilm® tantalum nitride
thin film technology has years of proven stability, reliability and moisture performance.
IRC’s WBA series of ceramic chip resistors offer a wide range of tolerances and temperature coefficients to fit
a variety of hybrid circuit applications. Custom resistance values, sizes and schematics are also available on
request to the factory.
For high performance wire bondable ceramic resistors for hybrid circuit application, specify IRC WBA series
resistors.
½R
½R
Absolute Tolerance
to ±0.1%
Ratio Tolerance
to ±0.05%
Absolute TCR
to ±25ppm/°C
Tracking TCR
to ±2ppm/°C
Package Power Rating (@ 70°C)
250mW
Rated Operating Voltage
(not to exceed
P x R )
100V
Operating Temperature
-55°C to +150°C
Noise
<-30dB
Substrate Material
99.6% Alumina
Substrate Thickness
0.015˝ ±0.002
(0.381mm ±0.05)
Bond Pad Metallization
Gold: 30KÅ minimum
Backside
Ceramic (gold available)
Electrical Data
0.030˝ ±0.001
(0.762mm ±0.025)
√
WBA Series Issue January 2009 Sheet 1 of 3
Make Possible
Resistors
All parts are Pb-free and comply with EU Directive 2011/65/EU (RoHS2)
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - WBA

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
WBA-T0303GC-01-1002-BA IRCTT-WBA-T0303GC-01-1002-BA Datasheet
507Kb / 3P
Wire Bondable Ceramic Resistors
WBA-T0303GC-01-1002-BB IRCTT-WBA-T0303GC-01-1002-BB Datasheet
507Kb / 3P
Wire Bondable Ceramic Resistors
WBA-T0303GC-01-1002-BC IRCTT-WBA-T0303GC-01-1002-BC Datasheet
507Kb / 3P
Wire Bondable Ceramic Resistors
WBA-T0303GC-01-1002-BD IRCTT-WBA-T0303GC-01-1002-BD Datasheet
507Kb / 3P
Wire Bondable Ceramic Resistors
WBA-T0303GC-01-1002-BF IRCTT-WBA-T0303GC-01-1002-BF Datasheet
507Kb / 3P
Wire Bondable Ceramic Resistors
More results

Similar Description - WBA

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
MRC1-50-1000-C-BLK IRCTT-MRC1-50-1000-C-BLK Datasheet
206Kb / 2P
Metal Glaze High Power Density Surface Mount Power Resistor
logo
List of Unclassifed Man...
HDVERTICAL ETC2-HDVERTICAL Datasheet
329Kb / 4P
MALE-HIGH DENSITY
logo
Ohmite Mfg. Co.
ARF OHMITE-ARF Datasheet
250Kb / 2P
High power density
logo
XP Power Limited
SDC XPPOWER-SDC Datasheet
410Kb / 4P
High Power Density
logo
CTS Corporation
753 CTS-753_16 Datasheet
189Kb / 4P
High Density Packaging
logo
Ohmite Mfg. Co.
RES-TA OHMITE-RES-TA Datasheet
333Kb / 2P
High Power Density
logo
Vicor Corporation
BCM48BX060Y240A00 VICOR-BCM48BX060Y240A00 Datasheet
790Kb / 20P
High power density
BCM352X110Y300B00 VICOR-BCM352X110Y300B00 Datasheet
854Kb / 21P
High power density
MIL-COTS VICOR-MIL-COTS Datasheet
1Mb / 10P
High density
logo
List of Unclassifed Man...
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
High Density Connectors High Density Steckverbinder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com