Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA13 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PA13
Description  Power Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA13 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PA13 Datasheet HTML 1Page - List of Unclassifed Manufacturers PA13 Datasheet HTML 2Page - List of Unclassifed Manufacturers PA13 Datasheet HTML 3Page - List of Unclassifed Manufacturers PA13 Datasheet HTML 4Page - List of Unclassifed Manufacturers PA13 Datasheet HTML 5Page - List of Unclassifed Manufacturers PA13 Datasheet HTML 6Page - List of Unclassifed Manufacturers PA13 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PA13 • PA13A
PA13U
5
–50
0
100
.7
1.9
2.2
BIAS CURRENT
1.3
.4
10
100
10K
.1M
FREQUENCY, F (Hz)
1
100
10M
FREQUENCY, F (Hz)
–20
0
60
120
SMALL SIGNAL RESPONSE
20
40
80
100
1
100
.1M
10M
–210
–150
–60
0
PHASE RESPONSE
–90
–30
10K
20K
50K
.1M
FREQUENCY, F (Hz)
4.6
100
1K
3K
.1M
FREQUENCY, F (Hz)
.003
.3
3
HARMONIC DISTORTION
.01
.1
1
40
100
TOTAL SUPPLY VOLTAGE, V
S (V)
.4
.6
1.6
QUIESCENT CURRENT
.8
1.4
0
OUTPUT CURRENT, I
O (A)
OUTPUT VOLTAGE SWING
1
10K
FREQUENCY, F (Hz)
0
COMMON MODE REJECTION
40
80
120
.1M
10
100
0
TIME, t (µs)
PULSE RESPONSE
–50 –25
50
100
CASE TEMPERATURE, T
C (°C)
0
15.0
CURRENT LIMIT
12.5
300
10K 30K
1
INPUT NOISE
1K
10
20
30
1K
–25
25
50
75
1.6
POWER RESPONSE
30K
50
60
70
80
90
1.2
0
25
75
5.0
7.5
-8
10
1K 10K .1M 1M
10
10K
1M
FREQUENCY, F (Hz)
2.5
10.0
1K
1M
20
60
100
2
4
6
8
10 12
-6
-4
-2
0
2
4
6
8
70K
6.8
10
15
22
32
46
68
100
.03
1.0
125
1.0
125
17.5
CASE TEMPERATURE, T
C (°C)
–180
–120
40
50
70
100
2.5
3
6
9
12
15
2
3
4
5
6
R
CL = .18Ω, RFO = 0
R
CL = .06Ω, RFO = ∞
V
O =
0
V
O =
24V
V
O = 0
V
O = –24V
| +V
S | + | –VS | = 100V
| +V
S | – | –VS | = 80V
| +V
S | + | –VS | = 30V
V
IN = 5V, tr = 100ns
P O
= 100mW
T
C =
–25°C
P O
= 4W
A
V =10
V
S = 37V
R
L = 4Ω
P O
=
120W
T
C =
25°C
T
C =
85°C
T
C =
125°C
–V
O
+V
O
0
20
40
60
80 100 120
CASE TEMPERATURE, T
C (°C)
0
20
60
100
POWER DERATING
40
140
140
80
120
PA13
GENERAL
Please read Application Note 1 "General Operating Considerations" which covers stability, supplies, heat sinking,
mounting, current limit, SOA interpretation, and specification interpretation. Visit www.apexanalog.com for design
tools that help automate tasks such as calculations for stability, internal power dissipation, current limit; heat sink
selection; Apex Microtechnology’s complete Application Notes library; Technical Seminar Workbook; and Evaluation
Kits.
SAFE OPERATING AREA (SOA)
The output stage of most power amplifiers has three distinct
limitations:
1. The current handling capability of the transistor geometry
and the wire bonds.
2. The second breakdown effect which occurs whenever the
simultaneous collector current and collector-emitter volt-
age exceeds specified limits.
3. The junction temperature of the output transistors.
The SOA curves combine the effect of all limits for this Power
Op Amp. For a given application, the direction and magnitude
of the output current should be calculated or measured and
checked against the SOA curves. This is simple for resistive
loads but more complex for reactive and EMF generating
loads. However, the following guidelines may save extensive analytical efforts.
T
C =
25°C
T
C =
85°C
THERMAL
SOA
20
50
70
90
40
30
10
SUPPLY TO OUTPUT DIFFERENTIAL VOLTAGE, V
S - VO (V)
15
.6
.4
10
6.0
4.0
2.0
3.0
1.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com