Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2482 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC2482
Description  isc Silicon NPN Pow Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC2482 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC2482 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC2482 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc Silicon NPN Pow Transistor
2SC2482
DESCRIPTION
·
High breakdown voltage
·
Low output capacitance
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Color TV chroma output applications
·
Color TV horiz. driver applications
·
High voltage switching and amplifier applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
300
V
VCEO
Collector-Emitter Voltage
300
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
0.1
A
PC
Collector Power Dissipation
@TC=25℃
0.9
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150


Similar Part No. - 2SC2482

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2482 TOSHIBA-2SC2482 Datasheet
188Kb / 3P
TRANSISTOR (HIGH VOLTAGE SWITCHING AND, COLOR TV HORIZ. DRIVER, CHROMA OUTPUT APPLICATIONS)
logo
List of Unclassifed Man...
2SC2482 ETC1-2SC2482 Datasheet
48Kb / 1P
TO-92 Plastic Package Transistors (NPN)
logo
Unisonic Technologies
2SC2482 UTC-2SC2482 Datasheet
118Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Toshiba Semiconductor
2SC2482 TOSHIBA-2SC2482 Datasheet
133Kb / 5P
Silicon NPN Epitaxial Type (PCT Process)
logo
Micro Commercial Compon...
2SC2482 MCC-2SC2482 Datasheet
159Kb / 4P
NPN Epitaxial Silicon Transistor
More results

Similar Description - 2SC2482

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N3583 ISC-2N3583 Datasheet
158Kb / 2P
isc Silicon NPN Power Transistor
2SC3198 ISC-2SC3198 Datasheet
214Kb / 2P
isc Silicon NPN Transistor
2SC1815 ISC-2SC1815 Datasheet
169Kb / 2P
isc Silicon NPN Transistor
2SC2120 ISC-2SC2120 Datasheet
168Kb / 2P
isc Silicon NPN Transistor
2SC1815 ISC-2SC1815_19 Datasheet
235Kb / 2P
isc Silicon NPN Transistor
MMBT3904 ISC-MMBT3904 Datasheet
262Kb / 2P
isc Silicon NPN Transistor
2SD965 ISC-2SD965 Datasheet
291Kb / 3P
isc NPN Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com