Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCI7654 Datasheet(PDF) 6 Page - Epson Company

Part # SCI7654
Description  DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SCI7654 Datasheet(HTML) 6 Page - Epson Company

Back Button SCI7654 Datasheet HTML 2Page - Epson Company SCI7654 Datasheet HTML 3Page - Epson Company SCI7654 Datasheet HTML 4Page - Epson Company SCI7654 Datasheet HTML 5Page - Epson Company SCI7654 Datasheet HTML 6Page - Epson Company SCI7654 Datasheet HTML 7Page - Epson Company SCI7654 Datasheet HTML 8Page - Epson Company SCI7654 Datasheet HTML 9Page - Epson Company SCI7654 Datasheet HTML 10Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SCI7654M0A/C0A
6
Function Status
Mode
POFF1
POFF2
Oscillator
Booster
Regulator
Description
PS1
H(VDD)
L(VIN)
ON
ON
ON
All circuits are turned ON.
PS2
L
L
OFF
OFF (*1)
OFF (*2)
All circuits are turned OFF.
PS3
H
H
OFF
ON
ON
Slave side (booster and regulator)
in parallel connection
Master side (for booster only)
PS4
L
H
ON
ON
OFF
in parallel connection; first stage
in serial connection (*3)
*1 When the booster circuit is OFF, approximately VIN +0.6V voltage appears at VOUT pin.
*2 When the regulator is OFF, the VREG pin is set to the high-impedance status.
*3 The mode selected depends on the line connection at the second stage of serial connection.
Voltage Regulator Circuit
The circuit receives a voltage from VRI pin, stabilizes it, and outputs at any voltage. The output is adjustable with
a ratio of R1 and R2 external divider resistors. Although the sum of divider resistors is desirable to be minimum
to prevent an interference due to external noise, 100 to 1 megohms are recommended as the current
consumption may be increased by the divider resistors.
Power Off Control
The SCI7654 has an automatic power-off function, and can turn on or off each function depending on the external
signals entered in POFF1 and POFF2 pins.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VOUT
VRI
VREG
RV
VDD
FC
TC1
TC2
C2P
C2N
C3N
C1N
C1P
VIN
POFF1
POFF2
R2
R1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com