Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4550 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4550
Description  AC ??7 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4550 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4550 Datasheet HTML 1Page - National Semiconductor (TI) LM4550 Datasheet HTML 2Page - National Semiconductor (TI) LM4550 Datasheet HTML 3Page - National Semiconductor (TI) LM4550 Datasheet HTML 4Page - National Semiconductor (TI) LM4550 Datasheet HTML 5Page - National Semiconductor (TI) LM4550 Datasheet HTML 6Page - National Semiconductor (TI) LM4550 Datasheet HTML 7Page - National Semiconductor (TI) LM4550 Datasheet HTML 8Page - National Semiconductor (TI) LM4550 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM4550
AC ’97 Rev 2.1 Multi-Channel Audio Codec with Stereo
Headphone Amplifier, Sample Rate Conversion and
National 3D Sound
General Description
The LM4550 is an audio codec for PC systems which is fully
PC99 compliant and performs the analog intensive functions
of the AC97 Rev2.1 architecture. Using 18-bit Sigma-Delta
A/D’s and D/A’s, the LM4550 provides 90 dB of Dynamic
Range.
The LM4550 was designed specifically to provide a high
quality audio path and provide all analog functionality in a PC
audio system. It features full duplex stereo A/D’s and D/A’s
and an analog mixer with 4 stereo and 3 mono inputs, each
of which has separate gain, attenuation and mute control.
The LM4550 provides a stereo headphone amplifier with an
independent gain control and also supports National’s 3D
Sound stereo enhancement and variable sample rate con-
version. The sample rate for the A/D and D/A can be pro-
grammed separately with a resolution of 1 Hz to convert any
rate between 4 kHz–48 kHz.
The LM4550 features the ability to connect several codecs
together in a system to provide up to six channels for sur-
round sound applications. Multiple codec systems can be
built using the standard AC-Link format of one serial data
stream per codec, or using a unique National Semiconductor
feature for chaining codecs together. This chain feature re-
quires only a single data stream to the controller.
The AC97 architecture separates the analog and digital func-
tions of the PC audio system allowing both for system design
flexibility and increased performance.
Key Specifications
n
Analog Mixer Dynamic Range
97dB (typ)
n
D/A Dynamic Range
89dB (typ)
n
A/D Dynamic Range
90dB (typ)
n
Headphone Amp THD+N at 50 mW
0.02% (typ)
into 32
Ω
Features
n
AC’97 Rev 2.1 compliant
n
Several LM4550s can be combined together for up to 6
channel operation
n
Unique National chaining function allows multiple codecs
to be connected serially and use only a single controller
SDATA_IN pin
n
High quality Sample Rate Conversion (SRC) from 4 kHz
to 48 kHz in 1 Hz increments.
n
Stereo headphone amp with separate gain control
n
National’s 3D Sound circuitry
n
External Amplifier Power Down (EAPD) control from
codec
n
PC-Beep passthrough to Line Out while reset is held
active low
n
Digital 3.3V and 5V compliant
Applications
n
Desktop PC audio systems on PCI cards, AMR cards, or
with motherboard chips sets featuring AC-Link
n
Portable PC systems as on MDC cards, or with a
chipset or accelerator featuring AC-Link
n
2, 4, or 6 channel systems
December 2002
© 2002 National Semiconductor Corporation
DS100972
www.national.com


Similar Part No. - LM4550

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4550B NSC-LM4550B Datasheet
998Kb / 31P
AC 97 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4550B TI1-LM4550B Datasheet
1Mb / 43P
LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec
LM4550B TI2-LM4550B Datasheet
932Kb / 48P
LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec With Stereo Headphone Amplifier, Sample Rate Conversion and TI 3D Sound
REVISED SEPTEMBER 2015
logo
National Semiconductor ...
LM4550BVH NSC-LM4550BVH Datasheet
998Kb / 31P
AC 97 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4550BVH TI1-LM4550BVH Datasheet
1Mb / 43P
LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec
More results

Similar Description - LM4550

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4546 NSC-LM4546 Datasheet
308Kb / 18P
AC ??7 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
LM4548 NSC-LM4548 Datasheet
322Kb / 18P
AC ??7 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
LM4549 NSC-LM4549 Datasheet
324Kb / 18P
AC ??7 Rev 2.1 Codec with Sample Rate Conversion and National 3D Sound
LM4550B NSC-LM4550B Datasheet
998Kb / 31P
AC 97 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
LM4549A NSC-LM4549A Datasheet
528Kb / 28P
AC ??7 Rev 2.1 Codec with Sample Rate Conversion and National 3D Sound
LM4546A NSC-LM4546A Datasheet
1Mb / 28P
AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4549B NSC-LM4549B Datasheet
933Kb / 28P
AC ??7 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4546B NSC-LM4546B Datasheet
908Kb / 27P
AC ??7 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4548A NSC-LM4548A Datasheet
534Kb / 28P
AC ??7 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4450B TI1-LM4450B Datasheet
1Mb / 45P
LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec With Stereo Headphone Amplifier, Sample Rate Conversion and TI 3D Sou
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com