Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

323934 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 323934
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

323934 Datasheet(HTML) 3 Page - Tyco Electronics

  323934 Datasheet HTML 1Page - Tyco Electronics 323934 Datasheet HTML 2Page - Tyco Electronics 323934 Datasheet HTML 3Page - Tyco Electronics 323934 Datasheet HTML 4Page - Tyco Electronics 323934 Datasheet HTML 5Page - Tyco Electronics 323934 Datasheet HTML 6Page - Tyco Electronics 323934 Datasheet HTML 7Page - Tyco Electronics 323934 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LOC B
Figure 3
2.3. Die Insertion Pneumatic Tool No. 69270-1 Mod.2
Dies are coated with oil to prevent rust and corrosion.
Wipe this oil from dies, particularly from Crimping
area.
Pneumatic tool No. 69270-1, Model 2 is equipped with
a pneumatic die take-up lever. See Figure 3. This
take-up lever is used to hold the ferrule in a proper position
prior to crimping.
1. Each set of dies consists of a male die and a
female die. See Figure 4.
2. Connect air supply. (85 to 100 P.S.!.)
3. Pull female die holding pin out of tool. Depress
take-up lever until male die holding screw is
visible, See Figure
4. With take-up lever depressed, turn die holding
screw slot in a vertical position. See Figure 4,
5. Insert male die into head of tool with the color
coded groove facing operator.
Do not attempt to insert dies into the tool while
holding the dies together. Dies are inserted into the
tool separately.
6. Insert female die into head of tool. Both color
coded groves should now be facing operator.
Figure 4
7. Turn male die holding screw slot 1/4 turn to left
or right. (horizontal position) See Figure 5.
8. Release take-up lever, then push female die
down so that hole in female die lines up with hole
NOTE
i
3 of 8
408-1662
Rev A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com