Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4560 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 33Page - National Semiconductor (TI) LM4560 Datasheet HTML 34Page - National Semiconductor (TI) LM4560 Datasheet HTML 35Page - National Semiconductor (TI) LM4560 Datasheet HTML 36Page - National Semiconductor (TI) LM4560 Datasheet HTML 37Page - National Semiconductor (TI) LM4560 Datasheet HTML 38Page - National Semiconductor (TI) LM4560 Datasheet HTML 39Page - National Semiconductor (TI) LM4560 Datasheet HTML 40Page - National Semiconductor (TI) LM4560 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
4.0 Functional Description (Continued)
SIN[3:0]
SIN_S
B1
A1
91
81
71
61
51
41
31
21
11
One cycle of SIN counter
4.1.7 Recording
A down sampling SRC is used for recording.
4.1.8 PCI Buffer/Sample Cache
PCI Buffer (or called Sample Cache) is a 128x32 bit SRAM which is designed to reduce consumption of PCI bus bandwidth. Each
wave channel has two double words of buffer. The playback channel uses it as a pre-fetch buffer, while the recording channel
uses it as a post-write buffer.
4.1.9 CODEC Buffer/Sample FIFO
Between the Wave Engine and the CODEC, there’s another SRAM (128x20 bit) called the CODEC Buffer (or the Sample FIFO)
which is for synchronization between wave engine and serial interface for optimization of PCI bus utilization.
This 128-word CODEC buffer is partitioned into several sections:
Section
Size
Address
Description
PLAYBACK
PCM_L Out FIFO
PCM Left Playback FIFO
PCM_R Out FIFO
PCM Right Playback FIFO
SURR_L Out FIFO
Surround Left Playback FIFO
SURR_R Out FIFO
Surround Right Playback FIFO
CENTER Out FIFO
Center Playback FIFO
LFE Out FIFO
LFE Playback FIFO
LINE1 Out FIFO
MODEM Line1 Output FIFO
LINE2 Out FIFO
MODEM Line2 Output FIFO
HSET Out FIFO
Handset Output FIFO
I2S_L Out Buffer
I2S Left Output Buffer
I2S_R Out Buffer
I2S Right Output Buffer
SPDIF_L Out Buffer
S/PDIF Left Output Buffer
SPDIF_R Out Buffer
S/PDIF Right Output Buffer
RECORDING
PCM_L In Buffer
PCM Left Recording Buffer
PCM_R In Buffer
PCM Right Recording Buffer
LINE1 In Buffer
Modem Line1 Input Buffer
LINE2 In Buffer
Modem Line2 Input Buffer
MIC In Buffer
Microphone Input Buffer
HSET In Buffer
Handset Input Buffer
REVERB_L SEND Buffer
Reverb Left Send Buffer
REVERB_R SEND Buffer
Reverb Right Send Buffer
CHORUS_L SEND Buffer
Chorus Left Send Buffer
CHORUS_R SEND Buffer
Chorus Right Send Buffer
www.national.com
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com