Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

69872 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 69872
Description  Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

69872 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  69872 Datasheet HTML 1Page - TE Connectivity Ltd 69872 Datasheet HTML 2Page - TE Connectivity Ltd 69872 Datasheet HTML 3Page - TE Connectivity Ltd 69872 Datasheet HTML 4Page - TE Connectivity Ltd 69872 Datasheet HTML 5Page - TE Connectivity Ltd 69872 Datasheet HTML 6Page - TE Connectivity Ltd 69872 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
408-2423
Rev B
5 of 7
5.2. Daily Maintenance
1. Remove dust, moisture, and other contaminants with a clean brush, or a soft, lint-free cloth. Do NOT
use objects that could damage the dies.
2. When the dies are not in use, store them in a clean, dry area.
5.3. Periodic Inspection
Regular inspections should be performed by quality control personnel. A record of scheduled inspections
should remain with the dies and/or be supplied to supervisory personnel responsible for the dies. Though
recommendations call for at least one inspection a month, the inspection frequency should be based on the
amount of use, ambient working conditions, operator raining and skill, and established company standards.
The inspections should be performed in the following sequence:
Visual Inspection
1. Remove accumulated dirt, grease, and foreign matter by immersing the dies in a suitable commercial
degreaser that will not affect paint or plastic material.
2. Make sure all die holding components are in place. Refer to the parts list in Figure 4 if replacements
are necessary.
3. Check all bearing surfaces for wear. Remove and replace worn components.
4. Inspect the crimp sections for flattened, chipped, cracked, worn, or broken areas. If damage is
evident, the dies must be repaired before returning them to service. See Section 6, REPLACEMENT
AND REPAIR, for information on obtaining customer repair service.
Gaging the Wire Barrel Crimping Chamber
This inspection requires the use of a plug gage conforming to the dimensions shown in Figure 3. To gage
the crimping chamber, refer to Figure 3, and proceed as follows:
1. Remove traces of oil or dirt from the crimping chamber and plug gage.
2. Mate the dies until it is evident that they have bottomed.
3. Align the GO element with the crimping chamber. Push element straight into the chamber without
using force. The GO element must pass completely through the crimping chamber.
4. Check the crimping chamber with the NO-GO element in the same manner as Step 3. The NO-GO
element may start entry, but must not pass completely through the crimping chamber.
If the dies conform to the gage inspection, they are considered dimensionally correct. If not correct, refer
to Section 6, REPLACEMENT AND REPAIR, for information on obtaining customer repair service.
For additional information regarding the use of a plug gage, refer to Instruction Sheet 408-7424.
6. REPLACEMENT AND REPAIR
The parts listed in Figure 4 are customer-replaceable parts. A complete inventory can be stocked and
controlled to prevent lost time when replacement of parts is necessary.
Order replacement parts through your representative, or call 1-800-526-5142, or send a facsimile of your
purchase order to 1-717-986-7605, or write to:
CUSTOMER SERVICE (038-035)
TYCO ELECTRONICS CORPORATION
PO BOX 3608
HARRISBURG PA 17105-3608
Dies may also be returned for evaluation and repair. For die repair service, contact a TE Connectivity
Representative at 1-800-526-5136.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com