Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS35L00 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS35L00
Description  2.8 W Mono Class-D Audio Amplifier with Low Idle Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L00 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS35L00 Datasheet HTML 24Page - Cirrus Logic CS35L00 Datasheet HTML 25Page - Cirrus Logic CS35L00 Datasheet HTML 26Page - Cirrus Logic CS35L00 Datasheet HTML 27Page - Cirrus Logic CS35L00 Datasheet HTML 28Page - Cirrus Logic CS35L00 Datasheet HTML 29Page - Cirrus Logic CS35L00 Datasheet HTML 30Page - Cirrus Logic CS35L00 Datasheet HTML 31Page - Cirrus Logic CS35L00 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
CS35L00
28
DS906PP1
Note:
19. “Idle Current Draw vs. VBATT - FHD Mode” capacitor values refer to CFILT when configured as the
“CS35L00’s Minimized Optional Output Filtering” shown in Figure 5 on page 17. When VBATT is
below “VBATT Limit for HD/FHD Mode” (VBLIM), operation is restricted to SD Mode.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VBATT Supply Voltage (V)
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
2.53
3.544.5
5
5.5
VBATT Supply Voltage (V)
Figure 50. Idle Current Draw vs. VBATT - FHD Mode
RL =8 Ω +33 μH (Note 19)
Figure 51. Output Power vs. VBATT - FHD Mode
RL = 8 Ω
1% THD+N Ratio
RL = 8 Ω
10% THD+N Ratio
RL = 4 Ω
1% THD+N Ratio
RL = 4 Ω
10% THD+N Ratio
470 pF
No Filter
1000 pF
2200 pF
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
250
500
750
1000
1250
1500
1750
2000
Output Power (mW)
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
500
1000
1500
2000
2500
3000
3500
Output Power (mW)
Figure 52. Efficiency vs. Output Power - FHD Mode
RL =8 Ω +33 μH
Figure 53. Efficiency vs. Output Power - FHD Mode
RL =4 Ω +33 μH
4.2 V
3.7 V
4.2 V
3.7 V
5.0 V
5.0 V
0
50
100
150
200
250
300
350
400
450
0
250
500
750
1000
1250
1500
1750
2000
Output Power (mW)
0
100
200
300
400
500
600
700
800
0
500
1000
1500
2000
2500
3000
3500
Output Power (mW)
Figure 54. Supply Current vs. Output Power - FHD Mode
RL =8 Ω +33 μH
Figure 55. Supply Current vs. Output Power - FHD Mode
RL =4 Ω +33 μH
5.0 V
4.2 V
3.7 V
5.0 V
4.2 V
3.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com