Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS2000CP-CZZ Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS2000CP-CZZ
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000CP-CZZ Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS2000CP-CZZ Datasheet HTML 26Page - Cirrus Logic CS2000CP-CZZ Datasheet HTML 27Page - Cirrus Logic CS2000CP-CZZ Datasheet HTML 28Page - Cirrus Logic CS2000CP-CZZ Datasheet HTML 29Page - Cirrus Logic CS2000CP-CZZ Datasheet HTML 30Page - Cirrus Logic CS2000CP-CZZ Datasheet HTML 31Page - Cirrus Logic CS2000CP-CZZ Datasheet HTML 32Page - Cirrus Logic CS2000CP-CZZ Datasheet HTML 33Page - Cirrus Logic CS2000CP-CZZ Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
CS2000-CP
30
DS761F3
8.3.4
Enable Device Configuration Registers 1 (EnDevCfg1)
This bit, in conjunction with EnDevCfg2, configures the device for control port mode. These EnDevCfg
bits can be set in any order and at any time during the control port access sequence, however they must
both be set before normal operation can occur.
Note:
EnDevCfg2 must also be set to enable control port mode. See “SPI / I²C Control Port” on
page 25.
8.4
Device Configuration 2 (Address 04h)
8.4.1
Lock Clock Ratio (LockClk[1:0])
Selects one of the four stored User Defined Ratios for use in the dynamic ratio based Hybrid PLL Mode.
8.4.2
Fractional-N Source for Frequency Synthesizer (FracNSrc)
Selects static or dynamic ratio mode when auto clock switching is disabled.
8.5
Global Configuration (Address 05h)
8.5.1
Device Configuration Freeze (Freeze)
Setting this bit allows writes to the Device Control and Device Configuration registers (address 02h - 04h)
but keeps them from taking effect until this bit is cleared.
EnDevCfg1
Register State
0
Disabled.
1
Enabled.
Application:
“SPI / I²C Control Port” on page 25
76543210
Reserved
Reserved
Reserved
Reserved
Reserved
LockClk1
LockClk0
FracNSrc
LockClk[1:0]
CLK_IN Ratio Selection
00
Ratio 0.
01
Ratio 1.
10
Ratio 2.
11
Ratio 3.
Application:
Section 5.3.2 on page 19
FracNSrc
Fractional-N Source Selection
0
Static Ratio directly from REFF for Frequency Synthesizer Mode
1
Dynamic Ratio from Digital PLL for Hybrid PLL Mode
Application:
“Fractional-N Source Selection” on page 21
76543210
Reserved
Reserved
Reserved
Reserved
Freeze
Reserved
Reserved
EnDevCfg2
FREEZE
Device Control and Configuration Registers
0
Register changes take effect immediately.
1
Modifications may be made to Device Control and Device Configuration registers (registers 02h-04h) without
the changes taking effect until after the FREEZE bit is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com