Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS2000CP-DZZR Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS2000CP-DZZR
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000CP-DZZR Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS2000CP-DZZR Datasheet HTML 27Page - Cirrus Logic CS2000CP-DZZR Datasheet HTML 28Page - Cirrus Logic CS2000CP-DZZR Datasheet HTML 29Page - Cirrus Logic CS2000CP-DZZR Datasheet HTML 30Page - Cirrus Logic CS2000CP-DZZR Datasheet HTML 31Page - Cirrus Logic CS2000CP-DZZR Datasheet HTML 32Page - Cirrus Logic CS2000CP-DZZR Datasheet HTML 33Page - Cirrus Logic CS2000CP-DZZR Datasheet HTML 34Page - Cirrus Logic CS2000CP-DZZR Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
CS2000-CP
DS761F3
31
8.5.2
Enable Device Configuration Registers 2 (EnDevCfg2)
This bit, in conjunction with EnDevCfg1, configures the device for control port mode. These EnDevCfg
bits can be set in any order and at any time during the control port access sequence, however they must
both be set before normal operation can occur.
Note:
EnDevCfg1 must also be set to enable control port mode. See “SPI / I²C Control Port” on
page 25.
8.6
Ratio 0 - 3 (Address 06h - 15h)
These registers contain the User Defined Ratios as shown in the “Register Quick Reference” section on
page 27. Each group of 4 registers forms a single 32-bit ratio value as shown above. See “Output to Input
Frequency Ratio Configuration” on page 19 and “Calculating the User Defined Ratio” on page 34 for more
details.
8.7
Function Configuration 1 (Address 16h)
8.7.1
Clock Skip Enable (ClkSkipEn)
This bit enables clock skipping mode for the PLL and allows the PLL to maintain lock even when the
CLK_IN has missing pulses.
Note:
fCLK_IN must be < 80 kHz and re-applied within 20 ms to use this feature.
EnDevCfg2
Register State
0
Disabled.
1
Enabled.
Application:
“SPI / I²C Control Port” on page 25
76543210
MSB
...................................................................................................................................................
MSB-7
MSB-8
...................................................................................................................................................
MSB-15
LSB+15
...................................................................................................................................................
LSB+8
LSB+7
...................................................................................................................................................
LSB
76543210
ClkSkipEn
AuxLockCfg
Reserved
RefClkDiv1
RefClkDiv0
Reserved
Reserved
Reserved
ClkSkipEn
PLL Clock Skipping Mode
0
Disabled.
1
Enabled.
Application:
“CLK_IN Skipping Mode” on page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com