Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB8416 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CDB8416
Description  192 kHz Digital Audio Interface Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB8416 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CDB8416 Datasheet HTML 17Page - Cirrus Logic CDB8416 Datasheet HTML 18Page - Cirrus Logic CDB8416 Datasheet HTML 19Page - Cirrus Logic CDB8416 Datasheet HTML 20Page - Cirrus Logic CDB8416 Datasheet HTML 21Page - Cirrus Logic CDB8416 Datasheet HTML 22Page - Cirrus Logic CDB8416 Datasheet HTML 23Page - Cirrus Logic CDB8416 Datasheet HTML 24Page - Cirrus Logic CDB8416 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
DS580F6
21
CS8406
Default = ‘00’
00 - OMCK frequency is 256*Fs
01 - OMCK frequency is 384*Fs
10 - OMCK frequency is 512*Fs
11 - OMCK frequency is 128*Fs
8.6
Serial Audio Input Port Data Format (05h)
SIMS - Master/Slave Mode Selector
Default = ‘0’
0 - Serial audio input port is in Slave Mode
1 - Serial audio input port is in Master Mode
SISF - ISCLK frequency (for Master Mode)
Default = ‘0’
0 - 64*Fs
1 - 128*Fs
SIRES1:0 - Resolution of the input data, for right-justified formats
Default = ‘00’
00 - 24-bit resolution
01 - 20-bit resolution
10 - 16-bit resolution
11 - Reserved
SIJUST - Justification of SDIN data relative to ILRCK
Default = ‘0’
0 - Left-justified
1 - Right-justified
SIDEL - Delay of SDIN data relative to ILRCK, for left-justified data formats
Default = ‘0’
0 - MSB of SDIN data occurs in the first ISCLK period after the ILRCK edge (Left-Justified Mode)
1 - MSB of SDIN data occurs in the second ISCLK period after the ILRCK edge (I²S Mode)
SISPOL - ISCLK clock polarity
Default = ‘0’
0 - SDIN sampled on rising edges of ISCLK
1 - SDIN sampled on falling edges of ISCLK
SILRPOL - ILRCK clock polarity
Default = ‘0’
0 - SDIN data is for the left channel when ILRCK is high
1 - SDIN data is for the right channel when ILRCK is high
76
5
4
3
2
1
0
SIMS
SISF
SIRES1
SIRES0
SIJUST
SIDEL
SISPOL
SILRPOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com