Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXB1507 Datasheet(PDF) 7 Page - Cree, Inc

Part # CXB1507
Description  XLamp LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB1507 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CXB1507 Datasheet HTML 3Page - Cree, Inc CXB1507 Datasheet HTML 4Page - Cree, Inc CXB1507 Datasheet HTML 5Page - Cree, Inc CXB1507 Datasheet HTML 6Page - Cree, Inc CXB1507 Datasheet HTML 7Page - Cree, Inc CXB1507 Datasheet HTML 8Page - Cree, Inc CXB1507 Datasheet HTML 9Page - Cree, Inc CXB1507 Datasheet HTML 10Page - Cree, Inc CXB1507 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® CXB1507 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 21).
Cree XLamp CXB1507 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
For 80 CRI minimum LEDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LEDs, CRI R9 typical is 60.
**
Flux values @ 25 °C are calculated and for reference only.
fLuX CharaCtEristiCs, EasyWhitE® Order COdes and Bins - 36 V (i
f = 200 ma, t= 85 °C) - COntinued
nominal
CCt
Cri*
Minimum Luminous flux
2-step
3-step
5-step
Min
typ
group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C** group
order Code
group
order Code
group
order Code
3500 K
80
---
H2
900
1002
35H
CXB1507-0000-
000N0HH235H
35G
CXB1507-0000-
000N0HH235G
H4
970
1080
CXB1507-0000-
000N0HH435H
CXB1507-0000-
000N0HH435G
90
92
G2
780
869
35H
CXB1507-0000-
000N0UG235H
35G
CXB1507-0000-
000N0UG235G
G4
840
935
CXB1507-0000-
000N0UG435H
CXB1507-0000-
000N0UG435G
3000 K
80
---
G4
840
935
30H
CXB1507-0000-
000N0HG430H
30G
CXB1507-0000-
000N0HG430G
H2
900
1002
CXB1507-0000-
000N0HH230H
CXB1507-0000-
000N0HH230G
90
92
F4
730
813
30H
CXB1507-0000-
000N0UF430H
30G
CXB1507-0000-
000N0UF430G
G2
780
869
CXB1507-0000-
000N0UG230H
CXB1507-0000-
000N0UG230G
2700 K
80
---
G4
840
935
27H
CXB1507-0000-
000N0HG427H
27G
CXB1507-0000-
000N0HG427G
H2
900
1002
CXB1507-0000-
000N0HH227H
CXB1507-0000-
000N0HH227G
90
92
F2
680
757
27H
CXB1507-0000-
000N0UF227H
27G
CXB1507-0000-
000N0UF227G
F4
730
813
CXB1507-0000-
000N0UF427H
CXB1507-0000-
000N0UF427G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com