Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA2030 Datasheet(PDF) 2 Page - Rohm

Part # 2SA2030
Description  Low frequency transistor(-12V, -500mA)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA2030 Datasheet(HTML) 2 Page - Rohm

  2SA2030 Datasheet HTML 1Page - Rohm 2SA2030 Datasheet HTML 2Page - Rohm 2SA2030 Datasheet HTML 3Page - Rohm 2SA2030 Datasheet HTML 4Page - Rohm 2SA2030 Datasheet HTML 5Page - Rohm 2SA2030 Datasheet HTML 6Page - Rohm 2SA2030 Datasheet HTML 7Page - Rohm 2SA2030 Datasheet HTML 8Page - Rohm 2SA2030 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2SA2030 / 2SA2018 / 2SA2119K
     
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Values
Unit
Collector-base voltage
VCBO
-15
V
Collector-emitter voltage
VCEO
-12
V
Emitter-base voltage
VEBO
-6
V
Collector current
IC
-500
mA
ICP*1
-1
A
Power dissipation
2SA2030
PD*2
150
mW
2SA2018
150
2SA2119K
200
Junction temperature
Tj
150
℃
Range of storage temperature
Tstg
-55 to +150
℃
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Collector-base breakdown
voltage
BVCBO
IC = -10μA
-15
-
-
V
Collector-emitter breakdown
voltage
BVCEO
IC = -1mA
-12
-
-
V
Emitter-base breakdown voltage
BVEBO
IE = -10μA
-6
-
-
V
Collector cut-off current
ICBO
VCB = -15V
-
-
-100
nA
Emitter cut-off current
IEBO
VEB = -6V
-
-
-100
nA
Collector-emitter saturation voltage
VCE(sat) IC = -200mA, IB = -10mA
-
-100
-250
mV
DC current gain
hFE
VCE = -2V, IC = -10mA
270
-
680
-
Transition frequency
fT
VCE = -2V, IE = 10mA,
f = 100MHz
-
260
-
MHz
Output capacitance
Cob
VCB = -10V, IE = 0A,
f = 1MHz
-
6.5
-
pF
* Pw=1ms, Single Pulse.
*2 Each terminal mounted on a reference land.
                                            
 
                                        
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
2/8
20150910 - Rev.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com