Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM2002GEFL/RV Datasheet(PDF) 9 Page - TDK Electronics

Part # WM2002GEFL/RV
Description  Stereo Headphone Driver with Wolfson
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

WM2002GEFL/RV Datasheet(HTML) 9 Page - TDK Electronics

Back Button WM2002GEFL/RV Datasheet HTML 4Page - TDK Electronics WM2002GEFL/RV Datasheet HTML 5Page - TDK Electronics WM2002GEFL/RV Datasheet HTML 6Page - TDK Electronics WM2002GEFL/RV Datasheet HTML 7Page - TDK Electronics WM2002GEFL/RV Datasheet HTML 8Page - TDK Electronics WM2002GEFL/RV Datasheet HTML 9Page - TDK Electronics WM2002GEFL/RV Datasheet HTML 10Page - TDK Electronics WM2002GEFL/RV Datasheet HTML 11Page - TDK Electronics WM2002GEFL/RV Datasheet HTML 12Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Product Brief
WM2002
w
Product Brief, September 2013, Rev 4.1
9
The recommended external components are illustrated in Figure 2. This shows the external
connections to the audio inputs/outputs, clocking crystal and power management circuits.
Note that Figure 2 shows the recommended device configuration for use with a 2.5V external supply.
In this example, the DC1 boost converter and the Charge Pump are not used.
In other cases where the DC1 boost converter and Charge Pump circuits are used (for example,
when the WM2002 is powered from a single AAA battery), some additional external components are
required, as shown in Figure 3.
WM2002
LDO3VOUT
LDO2VOUT
LDO4VOUT
2.2 F
2.2 F
2.2 F
2.2 F
VREFC
100nF
VMIDC
4.7 F
LDO1VOUT
SYSVDD
CFB1
BATTVDD
DC1LX
DC1VOUT
CPVOUT
CPGND
CFB2
IREFR
100k
PROGVDD
100k
1 F
1.2V Battery
Supply
1.5 H
MICVDD
2.2 F
100nF
DGND
AGND
HPGND
LDO1VDD
DBVDD
2.2 F
2.2 F
4.7 F
Figure 3 External Components - DC1 Boost Converter and Charge Pump
Note that an external pre-amp is recommended for microphone input (instead of the direct connection
shown in Figure 2). Additional options for noise improvement, battery control, and for different input or
output component configurations are noted in the typical application circuit schematics. Please
contact your local Wolfson representative for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com