Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBC Datasheet(PDF) 3 Page - Tyco Electronics

Part # PBC
Description  Compact AC coil contactors in three frame widths offer ratings from 9 amps to 80 amps
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PBC Datasheet(HTML) 3 Page - Tyco Electronics

  PBC Datasheet HTML 1Page - Tyco Electronics PBC Datasheet HTML 2Page - Tyco Electronics PBC Datasheet HTML 3Page - Tyco Electronics PBC Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IEC-Type Contactors I Tyco Electronics
P&B PBC Series
IEC-Type Contactors
and Accessories
Note: Specifications and availablity are subject to change without
notice. Consult data sheet 1-1773450-4 for detailed specifications.
Typical Part Number >
PBO
— 09
P1016
Series:
PBO = Thermal Overload Relays for use with PBC Series Contactors
Contactor Size (Main Contact Rating of Contactor):
09 = 9 - 32A
12 = 12 - 32A
18 = 18 - 32A
25 = 25 - 32 A
32 = 32A
40 = 40 - 80A
50 = 50 - 80A
65 = 65 - 80A
80 = 80A
Overload Relay Rating (Amps):
For this size...
These ratings are available...
9-32A contactors:
P1016 = 0.1 to 0.16
P4063 = 0.4 to 0.63
D1625 = 1.6 to 2.5
D5580 = 5.5 to 8.0
P1625 = 0.16 to 0.5
P6310 = 0.63 to 1.0
D2540 = 2.5 to 4.0
A0710 = 7.0 to 10.0
P2540 = 0.25 to 0.4
D1016 = 1.0 to 1.6
D4060 = 4.0 to 6.0
A0913 = 9.0 to 13.0
12-32A contactors:
A0913 = 9.0 to 13.0
18-32A contactors:
A1218 = 12.0 to 18.0
25-32A contactors:
A1725 = 17.0 to 25.0
32A contactors:
A2332 = 23.0 to 32.0
A2836 = 28.0 to 36.0
40-80A contactors:
A2332 = 23.0 to 32.0
A3040 = 30.0 to 40.0
50-80A contactors:
A3750 = 37.0 to 50.0
65-80A contactors:
A4865 = 48.0 to 65.0
A5570 = 55.0 to 70.0
80A contactors:
A6380 = 63.0 to 80.0
PBO SERIES THERMAL OVERLOAD RELAYS
Typical Part Number >
PBC
— 009
A
1
— B7
Series:
PBC = IEC Contactors with Integral Auxiliary Switch
Main Contact Rating (AC-3):
009 = 9A
012 = 12A
018 = 18A
025 = 25A
032 = 32 A
040 = 40A
050 = 50A
065 = 65A
080 = 80A
Main Contact Arrangement & Termination:
A = 3 Form X (3PST-NO-DM) with screw clamps
Integral Auxiliary Switch Form:
1 = 1 NO (9-32A models only)
2 = 1 NC (9-32A models only)
3 = 1 NO + 1 NC (40-65A models only)
Coil Voltage:
B7 = 24V 50/60 Hz
E7 = 48V 50/60 Hz
F = 110V 50 / 120V 60 Hz (40-80A models)
F7 = 110-120V 50/60Hz (9-32A models)
M = 220V 50 Hz / 240V 60 Hz (40-80A models)
M7 = 220-240V 50/60 Hz (9-32A models)
Q = 380V 50 HZ / 415V 60 Hz
PBC SERIES CONTACTORS
PBA SERIES AUXILIARY SWITCH BLOCKS
Part
Number
Number of
NO Contacts
Number of
NC Contacts
Mounting
Location
PBA-01A
PBA-10A
PBA-11A
PBA-02A
PBA-20A
PBA-22A
0
1
1
0
2
2
1
0
1
2
0
2
Front of Contactor
Front of Contactor
Front of Contactor
Front of Contactor
Front of Contactor
Front of Contactor
Part
Number
Number of
NO Contacts
Number of
NC Contacts
Mounting
Location
PBA-31A
PBA-13A
PBA-40A
PBA-04A
PBA-11B
PBA-20B
3
1
4
0
1
2
1
3
0
4
1
0
Front of Contactor
Front of Contactor
Front of Contactor
Front of Contactor
Side of Contactor
Side of Contactor
All charts shown at right reflect our initial product offering. Please
consult factory regarding other available options and accessories.
NOTE: All part numbers are RoHS compliant.
PBT SERIES TIMER BLOCKS
Part Number
Timing Function
Timing Range
PBT-220
PBT-222
PBA-11A
Delay on Make
Delay on Make
Delay on Make
0.1 - 3 sec
0.1 - 30 sec
10 - 180 sec
Part Number
Timing Function
Timing Range
PBT-320
PBT-322
PBT-324
Delay on Break
Delay on Break
Delay on Break
0.1 - 3 sec
0.1 - 30 sec
10 - 180 sec
THIS DATA IS FOR
REFERENCE ONLY
This product family is
being discontinued.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com